Electronic Components Datasheet Search
  English  ▼

X  

IHM2EB100K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IHM2EB100K
Description  Filter Inductors, High Current, Radial Leaded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHM2EB100K Datasheet(HTML) 2 Page - Vishay Siliconix

  IHM2EB100K Datasheet HTML 1Page - Vishay Siliconix IHM2EB100K Datasheet HTML 2Page - Vishay Siliconix IHM2EB100K Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: magnetics@vishay.com
Document Number: 34017
2
Revision: 04-Feb-11
IHM-2
Vishay Dale
Filter Inductors, High Current, Radial Leaded
1000.0
± 10
1.400
1000
1200.0
± 10
1.570
920
1500.0
± 10
2.200
840
1800.0
± 10
2.420
770
2200.0
± 10
3.300
690
2700.0
± 10
3.720
620
3300.0
± 10
5.100
550
3900.0
± 10
5.580
500
4700.0
± 10
7.700
450
5600.0
± 10
8.320
410
6800.0
± 10
11.700
360
8200.0
± 10
12.800
350
10 000.0
± 10
14.200
330
12 000.0
± 10
15.700
300
15 000.0
± 10
21.900
260
MARKING
- Vishay Dale
- Model
- Value
- Date code
ORDERING INFORMATION
IHM-2
10 μH
± 10 %
EB
E3
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
IH
M
2
E
B
1
0
0
K
MODEL
PACKAGE
CODE
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE
STANDARD ELECTRICAL SPECIFICATIONS
IND. AT 1 kHz (μH)
TOL. (%)
DCR MAX. (
)
RATED DC CURRENT (mA)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com