Electronic Components Datasheet Search
  English  ▼

X  

FDSD024FJ Datasheet(PDF) 1 Page - Belden Inc.

Part # FDSD024FJ
Description  Indoor/Outdoor Riser OS2 Distribution 24Fibers Aluminum Interlocked
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

FDSD024FJ Datasheet(HTML) 1 Page - Belden Inc.

  FDSD024FJ Datasheet HTML 1Page - Belden Inc. FDSD024FJ Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: FDSD024FJ
Indoor/Outdoor Riser OS2 Distribution 24Fibers Aluminum Interlocked
Product Description
FX Indoor/Outdoor OS2 Distribution Tight Buffer 24 Fibers OFCR Aluminum Interlocked Armor Sub-Units(6F) Black Jacket
Technical Specifications
Product Overview
Product Category:
Fiber Distribution Cable
Suitable Applications:
Premise Backbone
Fiber Specifications
Fiber Type:
OS2
Fiber Core Diameter:
8.2/125 µm
Buffer Material:
PVC - Polyvinyl Chloride
Buffer Diameter:
900 µm
Fiber Count:
24
Fiber Color Coding:
TIA-598-D
Cable Construction
Number of Active Subunits:
4
Fibers Per Subunit:
6
Subunit Diameter:
0.180 in (4.6 mm)
Subunit Color:
Yellow
Subunit Strength Members:
Waterblocking aramid yarns
Central Strength Member:
GRP
Core Wrap:
Waterblocking tape
Cable Core Waterblocking:
Waterblock Tape
Inner Jacket Specifications
Material:
PVC - Polyvinyl Chloride
Nom. Diameter:
0.562 in (14.3 mm)
Color:
Black
Number of Ripcords:
1
Armor Specifications
Armor Type and Material:
AIA - Aluminum Interlock Armor
Outer Jacket Specifications
Jacket Material:
PVC - Polyvinyl Chloride
Nom. Diameter:
0.960 in (24.4 mm)
Color:
Black
Optical Characteristics
Wavelength
1310 nm
1550 nm


Similar Part No. - FDSD024FJ

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FDSD024F9 BELDEN-FDSD024F9 Datasheet
142Kb / 2P
Indoor/Outdoor Riser OS2 Distribution 24Fibers Aluminum Interlocked
2022 Belden, Inc
More results

Similar Description - FDSD024FJ

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FD4D024F9 BELDEN-FD4D024F9 Datasheet
142Kb / 2P
Indoor/Outdoor Riser OM4 Distribution 24Fibers Aluminum Interlocked
2022 Belden, Inc
FD4D024FJ BELDEN-FD4D024FJ Datasheet
139Kb / 2P
Indoor/Outdoor Riser OM4 Distribution 24Fibers Aluminum Interlocked
2022 Belden, Inc
FDSD006F9 BELDEN-FDSD006F9 Datasheet
142Kb / 2P
Indoor/Outdoor Riser OS2 Distribution 6Fibers Aluminum Interlocked
2022 Belden, Inc
FDSD024A9 BELDEN-FDSD024A9 Datasheet
142Kb / 2P
Indoor/Outdoor Plenum OS2 Distribution 24Fibers Aluminum Interlocked
2022 Belden, Inc
FDSD024AJ BELDEN-FDSD024AJ Datasheet
139Kb / 2P
Indoor/Outdoor Plenum OS2 Distribution 24Fibers Aluminum Interlocked
2022 Belden, Inc
FDSD024F9 BELDEN-FDSD024F9 Datasheet
142Kb / 2P
Indoor/Outdoor Riser OS2 Distribution 24Fibers Aluminum Interlocked
2022 Belden, Inc
FDSD024RJ BELDEN-FDSD024RJ Datasheet
148Kb / 2P
Indoor/Outdoor Riser OS2 Distribution 24Fibers
2022 Belden, Inc
FD1D024F9 BELDEN-FD1D024F9 Datasheet
142Kb / 2P
Indoor/Outdoor Riser OM1 Distribution 24Fibers Aluminum Interlocked
2022 Belden, Inc
FD1D024FJ BELDEN-FD1D024FJ Datasheet
140Kb / 2P
Indoor/Outdoor Riser OM1 Distribution 24Fibers Aluminum Interlocked
2022 Belden, Inc
FD2D024FJ BELDEN-FD2D024FJ Datasheet
140Kb / 2P
Indoor/Outdoor Riser OM2 Distribution 24Fibers Aluminum Interlocked
2022 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com