Electronic Components Datasheet Search
  English  ▼

X  

PPC-MB-610 Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # PPC-MB-610
Description  19 Configurable Panel PC Chassis for Selectable Mini-ITX Motherboards
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-MB-610 Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  PPC-MB-610 Datasheet HTML 1Page - Advantech Co., Ltd. PPC-MB-610 Datasheet HTML 2Page - Advantech Co., Ltd. PPC-MB-610 Datasheet HTML 3Page - Advantech Co., Ltd. PPC-MB-610 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General Panel PCs
A
B
C
G
E
F
D
Specifications
CPU
CPU
KBL
i7-7700
i5-7500
i3-7101E
/
/
SKL
i7-6700TE
i5-6500TE
i3-6100TE
Pentium G4400TE
Celeron G3900TE
Core NO.
Quad Core
Quad Core
Dual Core
Dual Core
Dual Core
MAX Speed
KBL
3.6GHz (up to 4.2GHz)
3.4GHz (up to 3.8GHz)
3.9GHz
/
/
SKL
2.4GHz (up to 3.4GHz)
2.3GHz (up to 3.3GHz)
2.7GHz
2.4GHz
2.3GHz
L3 Cache
KBL
8M
6M
4M
/
/
SKL
3M
3M
2M
TDP
KBL
65W
65W
54W
/
/
SKL
35W
35W
35W
35W
35W
Chipset
H110
Memory
1 x 260-pin SODIMM DDR4, 2133 MHz, up to 16 GB (non-ECC)
Network (LAN)
2 x 10/100/1000 Mbps Ethernet (Intel I211-AT/I210AT A ver. or Realtek 8119i B ver.)
Rear I/O
1 x RS232/422/485, 1 x RS232, 1 x DP1.2, 1 x VGA, 4 x USB3.0, 1 x Line-out, 1 x Mic-in
Internal Connector
3 x RS232, 1 x GPIO (8 channels), 1 x speaker, 1 x LED, 2 x USB 2.0, 1 x LVDS, 1 x touch control, 2 x SATA
Watchdog Timer
255 timer intervals, configurable using software
Expansion
1 x full-size mSATA or mini PCIe and 1 x PCIe x4 slot for riser card
Dimensions (W x H)
170 x 170 mm (6.69 x 6.69")
OS Support
Microsoft® Windows 7 (32/64-bit), Windows 8.1/10 (64-bit) (**KBL CPU only support windows 10 64bit)
M/B offering for PPC-61X1C-RTAE
PPC-MB-8260xx
I/O view
Ordering Information
Part Number
Description
PPC-MB-8260AE
Mini-ITX M/B support 6/7th Core i for PPC-6000C,
assembled in China
PPC-MB-8260B
Mini-ITX M/B support 6/7th Core i for PPC-6000C,
assembled in China
PPC-MB-8260AU
Mini-ITX M/B support 6/7th Core i for PPC-6000C,
assembled in Taiwan
PPC-MB-8260BU
Mini-ITX M/B support 6/7th Core i for PPC-6000C,
assembled in Taiwan
Note:
PPC-MB-8260Ax:Intel I211-AT/I210AT, 1GbE LAN chipset
PPC-MB-8260Bx:Realtek 8119i, 1GbE LAN chipset
Features
ƒ
Supports Intel® 6th & 7th Gen Core™ i processor (LGA1151) with Intel H110
chipset
ƒ
One 260-pin SO-DIMM up to 16GB DDR4 2133 MHz SDRAM
ƒ
Supports triple display of DP/VGA/LVDS
ƒ
Supports 1 F/S miniPCIe or mSATA, 4 USB 3.0 and 2 USB 2.0
ƒ
Supports 1 PCIE x4(Gen3)
ƒ
Supports 2 SATA 6 Gb/s Ports
ƒ
Supports 4 RS-232,1 RS-232/422/485
ƒ
Supports 1 GPIO(8 channels)
A. RS232
B. VGA
C. 2 x Gigabit Ethernet
D. Line-out/Mic-in
E. RS232/422/485
F. Display Port
G. USB 3.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com