Electronic Components Datasheet Search
  English  ▼

X  

ROM-3310 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ROM-3310
Description  TI Sitara™ ARM AM3352 Cortex -A8 1GHz RTX2.0 Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-3310 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ROM-3310 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-3310 Datasheet HTML 2Page - Advantech Co., Ltd. ROM-3310 Datasheet HTML 3Page - Advantech Co., Ltd. ROM-3310 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
Block Diagram
ROM-3310
Ordering Information
Part Number
CPU
Memory
Flash
Parallel
RGB
LAN GPIO USB
Host
USB
OTG
I2C
I2S
SD
SPI
UART
CAN
Operating
Temperature
ROM-3310WS-MCA1E
TI Sitara AM 3352
Cotex A8 1GHz
512MB
4GB
1
1
10
1
1
1
1
1
1
4
2
-40 ~ 85 °C
ROM-3310CS-MCA1E
TI Sitara AM 3352
Cotex A8 1GHz
512MB
4GB
1
1
10
1
1
1
1
1
1
4
2
0 ~ 60 °C
Dimensions
Unit: mm
Development Board
Part No.
Description
ROM-DB3900-SWA1E Development board for RTX2.0 module
ROM-DK3310-F0A1E
ROM-3310 EVK Kit (RTX v2.0)
Optional Accessories
Part Number
Description
9696ED2000E
Debug adapter board
1700022373-01
Debug port cable for ROM-3420/5420/3310
1960070578T001
Heatsink_Black for ROM-3310
1930002234
Screws M2.5x12.5L, for Heatsink
Ø2.7
Ø6.0
68.0
H<2.5mm
RTL8211
Console UART 2-wire
JTAG
DDR3
256 x 2pcs
SPI NOR
4MB
EMMC
4GB
TI AM3352
Cortex A8
1GHz
PCA9555PW
RTX CONN A
Power
Management
WDT
RTC Power
RTX Power
RTX CONN D
CAN BUS x 2
I2C
I2S
UART x 4
RTX CONN B
Boot Select
TTL
4 bit SD
SPI
GPIO x 10
RTX CONN C
GIGA LAN
USB2.0 OTG
USB2.0 Host



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com