Electronic Components Datasheet Search
  English  ▼

X  

ILHB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ILHB
Description  High Current Multilayer Ferrite Beads
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILHB Datasheet(HTML) 1 Page - Vishay Siliconix

  ILHB Datasheet HTML 1Page - Vishay Siliconix ILHB Datasheet HTML 2Page - Vishay Siliconix ILHB Datasheet HTML 3Page - Vishay Siliconix ILHB Datasheet HTML 4Page - Vishay Siliconix ILHB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ILHB
www.vishay.com
Vishay Dale
Revision: 11-Aug-2022
1
Document Number: 34102
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Multilayer Ferrite Beads
MECHANICAL SPECIFICATIONS
Solderability: 90 % coverage after 5 s dip in 235 °C solder
following 60 s preheat at 120 °C type R flux dip
Resistance to Solder Heat: 10 s in 260 °C solder, after
preheat and flux per above
Terminal Strength: 0603: 0.3 kg (0.66 lbs), 0805: 0.6 kg
(1.3 lbs), 1206: 1.0 kg (2.2 lbs), 1806: 1.0 kg (2.2 lbs), 1812:
1.5 kg (3.3 lbs) for 30 s
Beam Strength: 0603: 0.3 kg (0.66 lbs), 0805: 1.0 kg
(2.2 lbs), 1206: 2.0 kg (4.4 lbs), 1806: 2.5 kg (5.5 lbs), 1812:
2.5 kg (5.5 lbs)
FEATURES
• High reliability
• Surface mountable (multiple case sizes)
• Current rating up to 6 A
• Magnetically self shielded
• Nickel barrier plating virtually eliminates silver
migration
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: -55 °C to +125 °C
Thermal Shock: 100 cycles, -40 °C to +125 °C
Biased Humidity: 85 % RH at 85 °C, 1000 h at full rated
current
STANDARD ELECTRICAL SPECIFICATIONS
PART
NUMBER
Z
± 25 %
(
)
TEST
FREQUENCY
(MHz)
DCR
MAX.
(
)
RATED DC
CURRENT
(mA)
ILHB0603ER600V
60
100
0.04
3000
ILHB0603ER121V
120
100
0.07
2500
ILHB0805ER300V
30
100
0.015
6000
ILHB0805ER600V
60
100
0.04
3000
ILHB0805ER900V
90
100
0.02
5000
ILHB0805ER121V
120
100
0.02
5000
ILHB0805ER251V
250
100
0.04
3000
ILHB0805ER601V
600
100
0.09
2000
ILHB1206ER500V
50
100
0.015
6000
ILHB1206ER750V
75
100
0.03
4000
ILHB1206ER121V
120
100
0.015
6000
ILHB1206ER501V
500
100
0.06
2500
ILHB1206ER601V
600
100
0.07
2500
ILHB1806ER600V
60
100
0.015
6000
ILHB1812ER121V
120
100
0.015
6000
ILHB1812ER601V
600
50
0.04
3000
ILHB1812ER132V
1300
60
0.04
3000
DIMENSIONS in inches [millimeters]
SIZE
A
B
C
D
0603
0.06 ± 0.006
[1.6 ± 0.15]
0.03 ± 0.006
[0.8 ± 0.15]
0.03 ± 0.006
[0.8 ± 0.15]
0.012 ± 0.008
[0.30 ± 0.20]
0805
0.079 ± 0.008
[2.0 ± 0.20]
0.049 ± 0.008
[1.25 ± 0.20]
0.035 ± 0.008
[0.90 ± 0.20]
0.02 ± 0.012
[0.50 ± 0.30]
1206
0.126 ± 0.008
[3.2 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.2]
0.043 ± 0.008
[1.1 ± 0.2]
0.020 ± 0.012
[0.50 ± 0.30]
1806
0.177 ± 0.010
[4.5 ± 0.25]
0.063 ± 0.008
[1.6 ± 0.2]
0.063 ± 0.008
[1.6 ± 0.2]
0.024 ± 0.016
[0.60 ± 0.40]
1812
0.177 ± 0.010
[4.5 ± 0.25]
0.126 ± 0.010
[3.2 ± 0.25]
0.060 ± 0.010
[1.5 ± 0.25]
0.024 ± 0.016
[0.60 ± 0.40]
Dimensional Outline
A
B
Ferrite
Body
D
C
DESCRIPTION
ILHB
1206
120
± 25 %
ER
e3
MODEL
SIZE
IMPEDANCE VALUE
IMPEDANCE TOLERANCE
PACKAGE CODE
JEDEC® LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I
L
H
B
1
2
0
6
E
R
1
2
1
V
PRODUCT FAMILY
SIZE
PACKAGE
CODE
IMPEDANCE
VALUE
IMPEDANCE
TOLERANCE


Similar Part No. - ILHB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILHB VISHAY-ILHB Datasheet
121Kb / 5P
High Current Multilayer Ferrite Beads
06-Mar-07
ILHB VISHAY-ILHB Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
ILHB-0603 VISHAY-ILHB-0603 Datasheet
121Kb / 5P
High Current Multilayer Ferrite Beads
06-Mar-07
ILHB-0603 VISHAY-ILHB-0603 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
ILHB-0603 VISHAY-ILHB-0603 Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
More results

Similar Description - ILHB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILHB VISHAY-ILHB Datasheet
121Kb / 5P
High Current Multilayer Ferrite Beads
06-Mar-07
ILHB1812ER121V VISHAY-ILHB1812ER121V Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
ILHB0805ER900V VISHAY-ILHB0805ER900V Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
ILHB1206ER500V VISHAY-ILHB1206ER500V Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
ILHB0603ER121V VISHAY-ILHB0603ER121V Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
ILHB1812ER601V VISHAY-ILHB1812ER601V Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
logo
List of Unclassifed Man...
PMH1206-601 ETC2-PMH1206-601 Datasheet
37Kb / 1P
Multilayer High-Current Ferrite Chip Beads
logo
Frontier Electronics.
TI201209 FRONTIER-TI201209 Datasheet
131Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI321611 FRONTIER-TI321611 Datasheet
127Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI322513 FRONTIER-TI322513 Datasheet
122Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com