Electronic Components Datasheet Search
  English  ▼

X  

ISC1812ER100K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ISC1812ER100K
Description  Wirewound, Surface-Mount, Molded, Shielded Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ISC1812ER100K Datasheet(HTML) 1 Page - Vishay Siliconix

  ISC1812ER100K Datasheet HTML 1Page - Vishay Siliconix ISC1812ER100K Datasheet HTML 2Page - Vishay Siliconix ISC1812ER100K Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISC-1812
www.vishay.com
Vishay Dale
Revision: 10-Sep-2019
1
Document Number: 34061
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound, Surface-Mount, Molded, Shielded Inductors
Note
(1) Rated DC current based on the maximum temperature rise, not
to exceed 40 °C at +85 °C ambient
FEATURES
• Molded construction provides superior strength
and moisture resistance
• Tape and reel packaging for automatic handling,
2000/reel, EIA-481
• Compatible with vapor phase and infrared reflow
soldering
• Shielded construction minimizes coupling to other
components
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
ELECTRICAL SPECIFICATIONS
Inductance range: 0.10 μH to 1000 μH
Special tolerances available upon request
Operating temperature: -55 °C to +125 °C
Coilform material: non-magnetic for 0.10 μH to 0.82 μH;
powdered iron for 1.0 μH to 22 μH; ferrite for 27 μH to
1000 μH
TEST EQUIPMENT
• H/P 4342A Q meter with Vishay Dale test fixture or equivalent
• H/P 4191A RF impedance analyzer (for SRF measurements)
• Wheatstone bridge
Note
(1) Recommended minimum spacing between components
STANDARD ELECTRICAL SPECIFICATIONS
IND.
(μH)
TOL.
TEST
FREQ.
(MHz)
Q MIN.
SRF
MIN.
(MHz)
DCR
MAX.
(
)
RATED DC
CURRENT
(mA) (1)
L & Q
0.10
± 20 %
25.2
30
460
0.23
552
0.12
± 20 %
25.2
30
400
0.26
519
0.15
± 20 %
25.2
30
390
0.29
491
0.18
± 20 %
25.2
30
350
0.32
468
0.22
± 20 %
25.2
30
310
0.36
441
0.33
± 20 %
25.2
30
280
0.40
418
0.39
± 20 %
25.2
30
240
0.45
394
0.47
± 20 %
25.2
30
215
0.60
342
0.56
± 20 %
25.2
30
205
0.75
306
0.68
± 20 %
25.2
30
195
0.80
296
0.82
± 20 %
25.2
30
165
0.95
271
0.8
± 20 %
25.2
30
155
1.20
242
1.0
± 10 %
7.96
30
140
0.35
447
1.2
± 10 %
7.96
30
120
0.38
429
1.5
± 10 %
7.96
30
100
0.40
418
1.8
± 10 %
7.96
30
90.0
0.43
403
2.2
± 10 %
7.96
30
80.0
0.46
390
2.7
± 10 %
7.96
30
67.0
0.49
378
3.3
± 10 %
7.96
30
61.0
0.55
357
3.9
± 10 %
7.96
30
56.0
0.59
344
4.7
± 10 %
7.96
30
50.0
0.62
336
5.6
± 10 %
7.96
30
40.0
0.69
333
6.8
± 10 %
7.96
30
32.0
0.75
306
8.2
± 10 %
7.96
30
30.0
0.82
292
10.0
± 10 %
2.52
50
25.0
0.90
279
12.0
± 10 %
2.52
50
22.0
1.00
265
15.0
± 10 %
2.52
50
18.0
1.10
252
18.0
± 10 %
2.52
50
15.0
1.24
238
22.0
± 10 %
2.52
50
14.0
1.36
227
27.0
± 10 %
2.52
40
13.0
1.56
212
33.0
± 10 %
2.52
40
12.0
1.72
202
39.0
± 10 %
2.52
40
11.0
1.89
192
47.0
± 10 %
2.52
40
9.0
2.10
183
56.0
± 10 %
2.52
40
8.0
2.34
173
68.0
± 10 %
2.52
40
7.6
2.60
164
82.0
± 10 %
2.52
40
7.2
2.86
156
100.0
± 10 %
0.796
40
7.0
3.25
147
120.0
± 10 %
0.796
40
6.0
3.64
139
150.0
± 10 %
0.796
40
5.0
4.16
130
180.0
± 10 %
0.796
40
4.5
5.72
111
220.0
± 10 %
0.796
40
4.2
6.30
105
270.0
± 10 %
0.796
40
4.0
6.90
101
330.0
± 10 %
0.796
40
3.7
7.54
96
390.0
± 10 %
0.796
40
3.5
8.20
92
470.0
± 10 %
0.796
40
3.3
9.20
87
560.0
± 10 %
0.796
30
2.8
10.50
82
680.0
± 10 %
0.796
40
2.6
12.00
76
820.0
± 10 %
0.796
30
2.2
13.50
72
1000.0 ± 10 %
0.252
30
2.0
16.00
66
DIMENSIONS in inches [millimeters]
PART MARKING
- Vishay Dale
- Inductance code
- Date code
Guidelines for
Parallel Component
Printed Circuit
Mounting Pads on
ISC-1812 Chip
Inductors
0.037 ± 0.008
[0.940 ± 0.203]
0.126 ± 0.008
[3.200 ± 0.203]
0.050
+ 0.004
- 0.008
Typ.
[1.270
]
+ 0.102
- 0.203
0.024
(1)
[0.6]
0.059
[1.5]
0.059
[1.5]
0.118 [3.0]
0.158
[4.0]
0.158
[4.0]
0.181
[4.6]
0.124 [3.15]
Ref.
0.126 ± 0.008
[3.200 ± 0.203]
0.177 ± 0.008
[4.500 ± 0.203]
0.030 ± 0.004
[0.762 ± 0.102]
Typ.
0.006 [0.152]
Ref. Typ.


Similar Part No. - ISC1812ER100K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC1812ER100K VISHAY-ISC1812ER100K Datasheet
282Kb / 3P
Surface Mount, Molded, Shielded Inductors
22-May-07
More results

Similar Description - ISC1812ER100K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMC1210ER100K VISHAY-IMC1210ER100K Datasheet
72Kb / 2P
Wirewound, Surface Mount Molded Inductors
15-Mar-11
ISC1812ER121K VISHAY-ISC1812ER121K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC1812ER101K VISHAY-ISC1812ER101K Datasheet
91Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC1812RQ1R0K VISHAY-ISC1812RQ1R0K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC1812ES101K VISHAY-ISC1812ES101K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
IMC1210ER1R0K VISHAY-IMC1210ER1R0K Datasheet
72Kb / 2P
Wirewound, Surface Mount Molded Inductors
15-Mar-11
IMC-1210 VISHAY-IMC-1210_17 Datasheet
78Kb / 2P
Wirewound, Surface Mount Molded Inductors
02-Jun-15
ISC-1210 VISHAY-ISC-1210_17 Datasheet
80Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
ISC-1812 VISHAY-ISC-1812_17 Datasheet
94Kb / 3P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
ISC-1210 VISHAY-ISC-1210_V01 Datasheet
63Kb / 2P
Wirewound, Surface-Mount, Molded, Shielded Inductors
10-Sep-2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com