Electronic Components Datasheet Search
  English  ▼

X  

A431A Datasheet(PDF) 5 Page - AUK corp

Part # A431A
Description  Programmable Voltage Reference
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

A431A Datasheet(HTML) 5 Page - AUK corp

  A431A Datasheet HTML 1Page - AUK corp A431A Datasheet HTML 2Page - AUK corp A431A Datasheet HTML 3Page - AUK corp A431A Datasheet HTML 4Page - AUK corp A431A Datasheet HTML 5Page - AUK corp A431A Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
KSD-I0A003-000
5
A431x
Electrical Characteristics Curves
Unstable
Regions
VKA
R1 [KΩ]
R2 [KΩ]
A
Vref
0
∞
B
10V
10
3.325
Fig.10 Pulse Response
7
10
4
-1
8
4
t – Time [μs]
6
2
0
2
0
1
3
5
6
Ta=25˚C
Fig.11 Test circuit for Fig. 10
Fig.14 Stability Boundary Conditions
IK
Fig.15 Test circuit for Fig. 14
Input
Output
A
B
f=10KHz
GND
220Ω
50Ω
Output
Fig.12 Pulse Response (Magnify A of Fig.10)
Fig.13 Pulse Response (Magnify B of Fig.10)
7
5
4
-1
4
2
t – Time [μs]
3
1
0
2
0
1
3
5
6
7
5
4
-1
4
2
t – Time [μs]
3
1
0
2
0
1
3
5
6
Output
Input
Input
Output
Ta=25˚C
Ta=25˚C
R2
CL
0
GND
R1
Output
㎌



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com