Electronic Components Datasheet Search
  English  ▼

X  

TLV365DBVR Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV365DBVR
Description  TLVx365 50-MHz, Zerø-Crossover, High CMRR, RRIO, Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV365DBVR Datasheet(HTML) 5 Page - Texas Instruments

  TLV365DBVR Datasheet HTML 1Page - Texas Instruments TLV365DBVR Datasheet HTML 2Page - Texas Instruments TLV365DBVR Datasheet HTML 3Page - Texas Instruments TLV365DBVR Datasheet HTML 4Page - Texas Instruments TLV365DBVR Datasheet HTML 5Page - Texas Instruments TLV365DBVR Datasheet HTML 6Page - Texas Instruments TLV365DBVR Datasheet HTML 7Page - Texas Instruments TLV365DBVR Datasheet HTML 8Page - Texas Instruments TLV365DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
6.5 Electrical Characteristics VS = 2.2 V to 5.5 V
At VS = 2.2 V to 5.5 V, TA = 25°C, RL = 10 kΩ, VCM and VOUT = Mid-Supply, Gain = 1 V/V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
±0.4
±1.9
mV
dVOS/dT
Input offset voltage drift
TA = –40°C to 125°C
±0.4
±2
µV/°C
PSRR
Power-supply rejection ratio
VS = 2.2 V to 5.5 V, TA = –40 to 125℃
100
dB
INPUT BIAS CURRENT
IB
Input bias current
±5
±20
pA
TA = –40℃ to 125℃
Input Bias Current vs Temperature
NOISE
Input voltage noise (peak-to-peak)
f = 0.1 Hz to 10 Hz
5.4
µVPP
eN
Input voltage noise density
f = 500 kHz
4.5
nV/√Hz
in
Input current noise density
f = 1 kHz
5.8
fA/√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection ratio
(V–) – 100mV < VCM < (V+) + 100mV
115
dB
TA = –40 to 125℃
110
INPUT IMPEDANCE
CIN
Differential
5
pF
Common-mode
1
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
RL = 10 kΩ, (V–) + 0.1 V < VOUT < (V+) – 0.1 V
100
120
dB
RL = 10 kΩ, TA = –40 to 125℃
95
RL = 600 Ω, (V–) + 0.2 V < VOUT < (V+) – 0.2 V
100
120
RL = 600 Ω, TA = –40 to 125℃
94
Phase margin
56
°
FREQUENCY RESPONSE (VS = 5 V, Gain = 1 V/V)
GBW
Gain-bandwidth product
50
MHz
SR
Slew rate
27
V/µs
tS
Settling time
0.1%, 4-V step
0.15
µs
0.01%, 4-V step
0.2
Overdrive recovery time
VIN+ x Gain > VS
< 0.1
µs
THD + N
Total Harmonic Distortion + Noise(1)
VOUT = 4 VPP, f = 1 kHz , RL = 600 Ω
0.00025
%
OUTPUT
Output voltage swing from supply rails
RL = 10 kΩ
10
mV
TA = –40°C to 125°C
12
ISC
Short-circuit current
±85
mA
Capacitive load drive
Overshoot vs Capacitive Load
ZO
Open-loop output impedance
f = 1 MHz, IO = 0 mA
40
Ω
POWER SUPPLY
IQ
Quiescent current per amplifier
IO = 0 mA
4.6
5.8
mA
IO = 0 mA, TA = –40°C to 125°C
6.3
(1)
Lowpass-filter bandwidth is 20 kHz for f = 1 kHz.
www.ti.com
TLV365
SBOSAA8 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TLV365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com