Electronic Components Datasheet Search
  English  ▼

X  

TMUX8212 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8212
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8212 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX8212 Datasheet HTML 17Page - Texas Instruments TMUX8212 Datasheet HTML 18Page - Texas Instruments TMUX8212 Datasheet HTML 19Page - Texas Instruments TMUX8212 Datasheet HTML 20Page - Texas Instruments TMUX8212 Datasheet HTML 21Page - Texas Instruments TMUX8212 Datasheet HTML 22Page - Texas Instruments TMUX8212 Datasheet HTML 23Page - Texas Instruments TMUX8212 Datasheet HTML 24Page - Texas Instruments TMUX8212 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
8.9 THD + Noise
The total harmonic distortion (THD) of a signal is a measurement of the harmonic distortion, and is defined as
the ratio of the sum of the powers of all harmonic components to the power of the fundamental frequency at
the multiplexer output. The on-resistance of the device varies with the amplitude of the input signal and results
in distortion when the drain pin is connected to a low-impedance load. Total harmonic distortion plus noise is
denoted as THD+N. Figure 8-9 shows the setup used to measure THD+N of the devices.
SELx
GND
VSELX
SX
Dx
VS
Audio Precision
VOUT
RS
RL
SW
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
50Ÿ
Other
Sx/ Dx
pins
Figure 8-9. THD+N Measurement Setup
www.ti.com
TMUX8212
SCDS434A – OCTOBER 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX8212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com