Electronic Components Datasheet Search
  English  ▼

X  

TMUX8211 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMUX8211
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8211 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX8211 Datasheet HTML 9Page - Texas Instruments TMUX8211 Datasheet HTML 10Page - Texas Instruments TMUX8211 Datasheet HTML 11Page - Texas Instruments TMUX8211 Datasheet HTML 12Page - Texas Instruments TMUX8211 Datasheet HTML 13Page - Texas Instruments TMUX8211 Datasheet HTML 14Page - Texas Instruments TMUX8211 Datasheet HTML 15Page - Texas Instruments TMUX8211 Datasheet HTML 16Page - Texas Instruments TMUX8211 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
7.12 Typical Characteristics (continued)
at TA = 25°C, VDD = +36 V, and VSS = –36 V (unless otherwise noted)
VS or VD - Source or Drain Voltage (V)
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75
0
1
2
3
4
5
6
7
8
9
10
11
12
TA = 125C
TA = 85C
TA = 25C
TA = −40C
VDD = 72 V, VSS = 0 V
Figure 7-7. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75
0
20
40
60
80
100
120
140
160
TA = 125C
TA = 85C
TA = 25C
TA = −40C
VDD = 72 V, VSS = 0 V
Figure 7-8. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
0
10
20
30
40
50
60
70
80
90
100
2
3
4
5
6
7
8
9
10
11
12
TA = 125C
TA = 85C
TA = 25C
TA = -40C
VDD = 100 V, VSS = 0 V
Figure 7-9. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
160
TA = 125C
TA = 85C
TA = 25C
TA = -40C
VDD = 100 V, VSS = 0 V
Figure 7-10. On-Resistance vs Source or Drain Voltage
Temperature (
C)
0
20
40
60
80
100
120
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
ID(OFF) VS/VD: -25V/25V
ID(OFF) VS/VD: 25V-25V
IS(OFF) VS/VD: -25V/25V
IS(OFF) VS/VD: 25V/-25V
I(ON) VS = VD = -25V
I(ON) VS = VD = 25V
VDD = 36 V, VSS = –36 V
Figure 7-11. Leakage Current vs Temperature
Temperature (
C)
0
20
40
60
80
100
120
0.001
0.01
0.1
1
10
100
ID(OFF) VS/VD: -25V/25V
ID(OFF) VS/VD: 25V-25V
IS(OFF) VS/VD: -25V/25V
IS(OFF) VS/VD: 25V/-25V
I(ON) VS = VD = -25V
I(ON) VS = VD = 25V
VDD = 36 V, VSS = –36 V
Figure 7-12. Leakage Current vs Temperature
www.ti.com
TMUX8212
SCDS434A – OCTOBER 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX8212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com