Electronic Components Datasheet Search
  English  ▼

X  

S7136F Datasheet(PDF) 2 Page - AUK corp

Part # S7136F
Description  Standard Voltage Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S7136F Datasheet(HTML) 2 Page - AUK corp

  S7136F Datasheet HTML 1Page - AUK corp S7136F Datasheet HTML 2Page - AUK corp S7136F Datasheet HTML 3Page - AUK corp S7136F Datasheet HTML 4Page - AUK corp S7136F Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-I5B001-001
2
S71xxF
Maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Supply Voltage
VCC
-0.3 ~ +15
V
Power Dissipation
PD
500
mW
Output Voltage
VOUT
-0.3 ~ +15
V
Operating Temperature Range
TOPR
-30 ~ +75
℃
Storage Temperature Range
TSTG
-55 ~ +150
℃
Electrical Characteristics
(VCC=5V, Ta=25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min.
Typ.
Max.
Unit
S7145F
4.35
4.5
4.65
S7142F
4.05
4.2
4.35
S7139F
3.75
3.9
4.05
S7136F
3.45
3.6
3.75
S7133F
3.15
3.3
3.45
S7131F
2.95
3.1
3.25
S7129F
2.75
2.9
3.05
S7127F
2.55
2.7
2.85
S7125F
2.35
2.5
2.65
Detecting Voltage
VS
1
RL=200Ω
VCC=H→L
VOL≤0.4V
S7123F
2.15
2.3
2.45
V
Hysteresis Voltage
Δ
VS
1
RL=200Ω, VCC = L→H→L
30
50
100
㎷
Temperature Coefficient
of Detecting Voltage
VS /ΔT
1
RL =200Ω, Ta= -30 ~ +75℃
-
±
0.01
-
%/℃
Low Level Output voltage
VOL
1
RL =200Ω, VCC = VS Min
-
-
0.4
V
Leakage Current When OFF
ILEAK
1
VCC=15V, RL=200Ω
-
-
0.1
µA
Circuit current at ON
ICCL
1
VCC = VS Min
-
300
500
µA
Circuit current at OFF
ICCH
1
VCC = VS Max +0.1V
-
30
50
µA
Threshold operating Voltage
VOPR
1
RL =200Ω, VOL≤0.4V
-
0.8
1.6
V
Output Current at ON I
IOL I
1
RL =0Ω, VCC = VS Min - 0.05V
20
-
-
mA
Output Current at ON II
IOL II
1
RL =0Ω, VCC = VS Min - 0.05V
Ta= -30 ~ +75℃
16
-
-
mA
L→H Transmission delay time
tPLH
2
RL =1.0 ㏀, CL=100 ㎊
-
15
-
㎲
H→L Transmission delay time
tPHL
2
RL =1.0 ㏀, CL=100 ㎊
-
10
-
㎲
VS : Standard Detection Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com