Electronic Components Datasheet Search
  English  ▼

X  

SP1224 Datasheet(PDF) 4 Page - Littelfuse

Part # SP1224
Description  SP1224 (100A) for USB VBUS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1224 Datasheet(HTML) 4 Page - Littelfuse

  SP1224 Datasheet HTML 1Page - Littelfuse SP1224 Datasheet HTML 2Page - Littelfuse SP1224 Datasheet HTML 3Page - Littelfuse SP1224 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2020 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 07/15/20
Surge Protection - SP1224
TVS Diode Arrays (SPA® Diodes)
Package Dimensions — µDFN-6
µDFN6 (1.8x2.0x0.5mm)
JEDEC MO-229
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.50
0.55
0.60
0.020
0.022
0.024
A1
0.00
0.02
0.05
0.000
0.001
0.002
A3
0.125 REF
0.005 REF
b
0.15
0.20
0.25
0.006
0.008
0.010
D
1.75
1.80
1.85
0.069
0.071
0.073
E
1.95
2.00
2.05
0.077
0.079
0.081
D2
0.35
0.45
0.55
0.014
0.018
0.022
E2
0.74
0.84
0.94
0.029
0.033
0.037
e
0.40 BSC
0.016 BSC
e1
0.80 BSC
0.031 BSC
L
0.20
0.30
0.40
0.008
0.012
0.016
K
0.50 REF
0.020 REF
Recommended soldering pad layout (Unit : mm)
0.40
0.80
0.55
0.24
0.40
1
65
D
e1
b
e
D2
14
5
6
1
Top View
Bottom View
Side View
k
Drawing# : U04-A
Embossed Carrier Tape & Reel Specification — µDFN-6
Symbol
Millimeters
A0
1.95 +/- 0.05
B0
2.30 +/- 0.05
D0
1.50 + 0.10
D1
Ø 0.60 + 0.05
E
1.75 +/- 0.10
F
3.50 +/- 0.05
K0
0.75 +/- 0.05
P0
4.00 +/- 0.10
P1
4.00 +/- 0.10
P2
2.00+/-0.05
T
0.25 +/- 0.02
W
8.00 + 0.30 /- 0.10
P2
D0
E
F
P1
P0
D1
W
T
B0
K0
A0
5
5
22.12
ø13.22
ø179.90
ø155.37
ø70.55
ø15.57
ø58.11
24.32
1.46
1.11
Pin1 Location
,Ref.
,Ref.
,Ref.
AO
P1
0.50 ±0.05
D1
Do
1.50
+0.10
0.00
P2
2.00 0.05(I)
PO
4.00 0.1(II)
Y
Y
X X
KO
T
0.20 0.02
SECTION Y-Y
REF
3°
SECTION X-X
User Feeding Direction
Pin 1 Location
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are
not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at: www.littelfuse.com/disclaimer-electronics.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com