Electronic Components Datasheet Search
  English  ▼

X  

SP3205 Datasheet(PDF) 1 Page - Littelfuse

Part # SP3205
Description  Low Capacitance ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3205 Datasheet(HTML) 1 Page - Littelfuse

  SP3205 Datasheet HTML 1Page - Littelfuse SP3205 Datasheet HTML 2Page - Littelfuse SP3205 Datasheet HTML 3Page - Littelfuse SP3205 Datasheet HTML 4Page - Littelfuse SP3205 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TVS Diode Array Datasheet
© 2021 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 09/10/21
1
SP3205 Series
Low Capacitance ESD Protection
Description
Applications
The SP3205 provides low capacitance, unidirectional and a high
level of protection for electronic equipment that may experience
destructive electrostatic discharges (ESD). The typical capacitance
of 0.3pF helps ensure excellent signal integrity on the most
challenging consumer electronics interfaces, such as USB 3.1,
HDMI, DisplayPort, Thunderbolt and V-by-One®.
It can safely absorb repetitive ESD strikes at ±30kV (contact
discharge, IEC 61000-4-2) without performance degradation and
safely dissipate 4A of 8/20μs surge current (IEC 61000-4-5 2nd
edition).
Features
■ ESD, IEC 61000-4-2, ±30kV
contact, ±30kV air
■ EFT, IEC 61000-4-4, 40A
(5/50ns)
■ Lightning, 4A (8/20μs as
defined in IEC 61000-4-5 2nd
edition)
■ Low capacitance of 0.3pF
(TYP @ VR=0V)
■ Low leakage current of 1nA
(TYP) at 3.3V
■ Halogen free, lead free and
RoHS compliant
■ Moisture Sensitivity Level
(MSL -1)
■ AEC-Q101 Qualified
■ USB 3.1
■ HDMI
■ DisplayPort
■ S-ATA
■ NFC
Pinout
Functional Block Diagram
1
2
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
RoHS Pb
12
0201 Flipchip
SOD882


Similar Part No. - SP3205

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP320 SIPEX-SP320 Datasheet
220Kb / 12P
Complete 5V-Only V.35 Interface with RS-232 V.28 Control Lines
SP320 SIPEX-SP320 Datasheet
647Kb / 12P
Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
logo
Exar Corporation
SP320 EXAR-SP320 Datasheet
791Kb / 12P
Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
logo
Astrodyne Corporation
SP320 ASTRODYNE-SP320 Datasheet
324Kb / 4P
320W Single Output with PFC Function
SP320-12 ASTRODYNE-SP320-12 Datasheet
324Kb / 4P
320W Single Output with PFC Function
More results

Similar Description - SP3205

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ESDL05R SECOS-ESDL05R Datasheet
166Kb / 3P
Low Capacitance ESD Protection
ESDL05R SECOS-ESDL05R_15 Datasheet
166Kb / 3P
Low Capacitance ESD Protection
STESD05CL SECOS-STESD05CL_15 Datasheet
412Kb / 3P
Low Capacitance ESD Protection
logo
Pan Jit International I...
PJEC5V0M1TM PANJIT-PJEC5V0M1TM Datasheet
260Kb / 6P
Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
FM05VDB-10PF FUTUREWAFER-FM05VDB-10PF Datasheet
789Kb / 6P
Low Capacitance ESD Protection
logo
SeCoS Halbleitertechnol...
KS05VL4 SECOS-KS05VL4_18 Datasheet
160Kb / 2P
Low Capacitance ESD Protection
logo
Shanghai Yint Electroni...
ESDSLVU2.8-4 YINT-ESDSLVU2.8-4 Datasheet
842Kb / 4P
Low Capacitance ESD Protection
logo
Littelfuse
AQ3400 LITTELFUSE-AQ3400 Datasheet
1Mb / 5P
Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1605M4AQ PANJIT-PE1605M4AQ Datasheet
331Kb / 5P
Low Capacitance ESD Protection
February 9,2017-REV.00
PEC3107M1AQ PANJIT-PEC3107M1AQ Datasheet
224Kb / 5P
Low Capacitance ESD Protection
July 5,2018-REV.01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com