Electronic Components Datasheet Search
  English  ▼

X  

SP3222 Datasheet(PDF) 4 Page - Littelfuse

Part # SP3222
Description  SP3222 0.9pF 30kV dual channel TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3222 Datasheet(HTML) 4 Page - Littelfuse

  SP3222 Datasheet HTML 1Page - Littelfuse SP3222 Datasheet HTML 2Page - Littelfuse SP3222 Datasheet HTML 3Page - Littelfuse SP3222 Datasheet HTML 4Page - Littelfuse SP3222 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TVS Diode Array (SPA®Diodes)
Low Capacitance ESD Protection - SP3222 TVS
© 2020 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 07/15/20
Recommended Soldering
pad layout (mm)
0.60mm
0.225mm(2x)
0.575mm
Top View
Bottom View
Side View
1
2
3
D
A
A1
e1
b
b1
Pin1
Package Dimensions — SOD883
Symbol
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.45
0.50
0.55
0.018
0.020
0.022
A1
-
0.02
0.05
-
0.001
0.002
D
0.55
0.60
0.65
0.022
0.024
0.026
E
0.95
1.00
1.05
0.037
0.039
0.041
b
0.45
0.55
0.60
0.018
0.022
0.024
b1
0.10
0.15
0.20
0.004
0.006
0.008
L
0.20
0.25
0.30
0.008
0.010
0.012
e1
0.35 BSC
0.014 BSC
e2
0.65 BSC
0.026 BSC
Part Numbering System
SP 3222
02 E T G
Series
Number of
Channels
Package
T= Tape & Reel
G= Green
–
TVS Diode Arrays
(SPA® Diodes)
E: SOD883
Part Marking System
A*
Part Code(A) = SP3222-02ETG
= Date code
*
Part Number
Package
Min. Order Qty.
SP3222-02ETG
SOD883
10000
Ordering Information



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com