Electronic Components Datasheet Search
  English  ▼

X  

SC070R020S5F Datasheet(PDF) 1 Page - International Rectifier

Part # SC070R020S5F
Description  SCHOTTKY DIE 70 X 92 MILS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SC070R020S5F Datasheet(HTML) 1 Page - International Rectifier

  SC070R020S5F Datasheet HTML 1Page - International Rectifier SC070R020S5F Datasheet HTML 2Page - International Rectifier SC070R020S5F Datasheet HTML 3Page - International Rectifier SC070R020S5F Datasheet HTML 4Page - International Rectifier SC070R020S5F Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Similar Part No. - SC070R020S5F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC07-1 ETC2-SC07-1 Datasheet
1Mb / 7P
Used to strap coaxial and telephone cable to strand
logo
Raspberry Pi Holdings P...
SC0746 RASPBERRY-PI-SC0746 Datasheet
555Kb / 10P
Raspberry Pi Build HAT
October 2021
SC0747 RASPBERRY-PI-SC0747 Datasheet
555Kb / 10P
Raspberry Pi Build HAT
October 2021
SC0748 RASPBERRY-PI-SC0748 Datasheet
555Kb / 10P
Raspberry Pi Build HAT
October 2021
SC0749 RASPBERRY-PI-SC0749 Datasheet
555Kb / 10P
Raspberry Pi Build HAT
October 2021
More results

Similar Description - SC070R020S5F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SC105 IRF-SC105 Datasheet
99Kb / 5P
SCHOTTKY DIE 105 x 125 mils
logo
List of Unclassifed Man...
AFB0912HD ETC2-AFB0912HD Datasheet
122Kb / 1P
92 x 92 x 20 MM SERIES
FFB0912EHE ETC2-FFB0912EHE Datasheet
200Kb / 1P
92 x 92 x 38 MM SERIES
logo
PHOENIX CONTACT
1212325 PHOENIX-1212325 Datasheet
46Kb / 2P
Replacement die - CRIMPFOX-C120 R35-70/DIE
1212351 PHOENIX-1212351 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C50 R50-70/DIE
logo
Central Semiconductor C...
CPD51V-1N5711 CENTRAL-CPD51V-1N5711 Datasheet
458Kb / 4P
Schottky Diode Die 15mA, 70 Volt
R0 11-April 2022
CPD51V-CMPD6263 CENTRAL-CPD51V-CMPD6263 Datasheet
458Kb / 4P
Schottky Diode Die 15 mA, 70 Volt
R0 11-April 2022
CPD102X-1N5711 CENTRAL-CPD102X-1N5711 Datasheet
527Kb / 4P
Schottky Diode Die 15mA, 70 Volt
R0 28-November 2017
CPD102X-CMPD6263 CENTRAL-CPD102X-CMPD6263 Datasheet
550Kb / 4P
Schottky Diode Die 15 mA, 70 Volt
R0 12-February 2016
logo
Vishay Siliconix
TV050B...S4PT VISHAY-TV050B...S4PT Datasheet
81Kb / 4P
PAR® Transient Voltage Suppressor Bare Die (50 mils x 50 mils)
20-May-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com