Electronic Components Datasheet Search
  English  ▼

X  

ROM-5620 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ROM-5620
Description  NXP i.MX8X Cortex®-A35 SMARC 2.0/2.1 Computer-on-Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-5620 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ROM-5620 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-5620 Datasheet HTML 2Page - Advantech Co., Ltd. ROM-5620 Datasheet HTML 3Page - Advantech Co., Ltd. ROM-5620 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
Block Diagram
ROM-5620
Ordering Information
Part No.
CPU
Memory
Flash
Memory
UART
LAN
USB
3.0
USB
2.0
Display
PCIe
3.0
SD CANbus I2C SPI Size
Power
input
Operating
Temperature
ROM-5620CE-OEA2E
i.MX 8DualXPlus
2GB
16GB
3
2
1
2
2x single channel 24-bit,
1x dual channel 48-bit LVDS
or 2x 4-Lane MIPI-DSI
by S/W Configuration
1
1
2
4
2
82 x 50 mm
4.75 ~ 5.25V 0 ~ 60 °C
ROM-5620WE-OEA2E
i.MX 8DualXPlus
2GB
16GB
3
2
1
2
1
1
2
4
2
82 x 50 mm
4.75 ~ 5.25V -40 ~ 85 °C
ROM-5620CU-OEA2E
i.MX 8QuadXPlus
2GB
16GB
3
2
1
2
1
1
2
4
2
82 x 50 mm
4.75 ~ 5.25V 0 ~ 60 °C
ROM-5620WU-OEA2E
i.MX 8QuadXPlus
2GB
16GB
3
2
1
2
1
1
2
4
2
82 x 50 mm
4.75 ~ 5.25V -40 ~ 85 °C
Dimensions
Unit: mm
82.0
39.0
4.0
Ø2.7
Ø6.0
R2
74.0
Development Board
Part No.
Description
ROM-DB5901-SWA1
Development board for SMARC v2.0 Arm-based Module
series
Optional Accessories
Part No.
Description
1701100300
Debug port cable for ROM-5620
1700019474
D-SUB 9P(F)/D-SUB 9P(F) RS232/RS485 100c
1970004483T001
Heat Spreader for -40~85°C
1960063089N001
Semi Heat Sink for -40~85°C
193B021490
Screw for Heat Spreader and Semi Heat Sink
96PSA-A36W12R1-3
ADAPTER 100-240V 36W 12V 3A
1700001524
Power Cord 3P UL 10A 125V 180cm
170203183C
Power Cord 3P Europe (WS-010+WS-083) 183cm
170203180A
Power Cord 3P UK 2.5A/3A 250V 1.83M
1700008921
Power Cord 3P PSE 183cm
SQF-ISDM1-16G-21C
SQF SD Card I-SD UHS-I MLC 16G (0~70°C)
SQF-ISDM1-16G-21E
SQF I-SD UHS-I MLC 16G (-40~85°C)
EWM-W163M201E
802.11 a/b/g/n/ac,QCA6174A,2T2R,w/BT4.1,M.2 2230
1750008717-01
Dipole Ant. D.B 2.4/5G WIFI 3dBi SMA/M-R BLK
1750007965-01
Antenna Cable R/P SMA (M) to MHF4, 300mm
EWM-C117FL06E*
LTE 4G,3G WCDMA/DC-HSPA+, 2G module, MPCI-L280H
1750007990-01
Antenna 4G/LTE full band L=11 cm 50 Ohm
1750006009
Antenna Cable SMA (F) to MHF 1.32 25cm
*Please contact us for suggesting suitable cellular module for your region.
NXP i.MX 8DualXPlus
or i.MX 8QuadXPlus
(2 or 4 x Arm Cortex-A35)
2GB LPDDR4
16GB eMMC
8MB QSPI Flash
NXP PMIC
PF8100
Connectors
RTC
TPM
CPU/MCU
Debug consoles
PCIe 3.0 x 1
SDIO x 1
USB 3.0 OTG x 1
USB 2.0 OTG x 2
I2S x 2
SPI x 2
CAN x 2
GPIO x 12
I2C x 4
4-lane MIPI CSI2 x1
UART(4-wires) x 1
UART(2-wires) x 2
LVDS/MIPI DSI x 2
RGMII 1
GbE MDI
RTL8211FS
RGMII 2
GbE MDI
RTL8211FS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com