Electronic Components Datasheet Search
  English  ▼

X  

ROM-7420 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ROM-7420
Description  NXP ARM® Cortex®-A9 i.MX6 Qseven Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-7420 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ROM-7420 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-7420 Datasheet HTML 2Page - Advantech Co., Ltd. ROM-7420 Datasheet HTML 3Page - Advantech Co., Ltd. ROM-7420 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
Board Diagram
ROM-7420
Ordering Information
Part No.
CPU
Memory Flash
Memory
UART LAN USB
Host
USB
OTG
Display
SATA
PCIe HDMI
SD CANbus
I²C SPI Size
Power
Input
Operating
Temperature
ROM-7420CD-MDA2E
i.MX6 Dual
1 GHz
1 GB
16 GB
4
1
1
1
2 x 24-bit LVDS
1 x VGA
1
1
1
1
2
3
1
70 x 70 x 5mm
5V
0 ~ 60 °C
ROM-7420WD-MDA2E
i.MX6 Dual
1 GHz
1 GB
16 GB
4
1
1
1
2 x 24-bit LVDS
1 x VGA
1
1
1
1
2
3
1
70 x 70 x 5mm
5V
-40 ~ 85 °C
Development Board
Part No.
Description
ROM-DB7500-SCA1E
Development Board for Qseven v1.2 RISC Module
Optional Accessories
Part No.
Description
1700020442-01
Debug Port Cable for ROM-7420
9696ED2000E
Debug Port Adapter for ROM-7420
96PSA-A36W12R1-3
ADP A/D 100-240V 36W 12V C6 DC PLUG 90°
1700001524
Power Cord 3P UL 10A 125V 180cm
1700019146
Power Cord CCC 3P 10A 250V 183cm
170203183C
Power Code 3P Europe (WS-010+WS-083)183cm
170203180A
Power Cord 3P UK 2.5A/3A 250V 1.83M
1700008921
Power Cord 3P PSE 183cm
SQF-MSDM1-8G-21C SQF MICRO SD C10 MLC 8G (-25 ~ 85 °C)
EWM-C117FL06E*
LTE 4G,3G WCDMA/DC-HSPA+, 2G module, MPCIL280H
1750006264
Antenna cable SMA(F)/MHF 15cm
1750008303-01
Antenna AN0727-64SP6BSM
1960061913N001
Heat spreader O-NXP-S-5W 70x63x8-SC ROM-7420
* Please contact us to get suitable cellular module for your region.
70
64.9
56.5
2.5
Dimensions
Unit: mm
WDT
PCIE0
USB2.0 OTG
USB2.0 Host
GBE
LVDS
HDMI
CANbus x2
I2C x3
UART x4
I2S
1 SDIO
GPIO x8
VGA
JTAG
SATA II
eMMC 16GB
Flash
SPI Flash
DDR3
Memory
SDIO
DDR3
SPI0(CS0)
Transceiver
RTL8211FS
Video DAC
CH7055A
NXP i.MX6 Dual 1GHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com