Electronic Components Datasheet Search
  English  ▼

X  

ROM-7720 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ROM-7720
Description  NXP ARM Cortex-A72 i.MX8 QuadMax Qseven 2.1 Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-7720 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ROM-7720 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-7720 Datasheet HTML 2Page - Advantech Co., Ltd. ROM-7720 Datasheet HTML 3Page - Advantech Co., Ltd. ROM-7720 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
Block Diagram
ROM-7720
Ordering Information
Part No.
CPU
Memory Flash
Memory UART LAN
USB
Host
USB
OTG Display
SATA PCIe HDMI SD CANbus I²C SPI Size
Power
Input
Operating
Temperature
ROM-7720CO-QFA1E
i.MX8
Quad Max
1.6GHz
4 GB
16 GB
1
1
3
1
2 x 24-bit LVDS 1
2
1
1
1
2
2
70 x 70 x 5mm 5V
0 ~ 60 °C
ROM-7720WO-QFA1E
i.MX8
Quad Max
1.6GHz
4 GB
16 GB
1
1
3
1
2 x 24bit LVDS
1
2
1
1
1
2
2
70 x 70 x 5mm 5V
-40 ~ 85 °C
Development Board
Part No.
Description
ROM-DB7503-SCA1E
Development board for RISC Qseven 2.1 module
Optional Accessories
Part No.
Description
ROM-DB7503-SCA1E Development board for ROM Qseven Module
1700023619-01
A cable USB-A 4P(M)/micro USB 5P(M) 1m
1700029175-01
FFC cable 10P-0.5/10P-0.5 15cm
9696ED21000
ROM-ED21 A101-1 USB to 4 Uart debug board
96PSA-A36W12R1-3
ADAPTER 100-240V 36W 12V 3A
1700001524
Power Cord 3P UL 10A 125V 180cm
170203183C
Power Code 3P Europe (WS-010+WS-083)183cm
1700019146
Power Cord CCC 3P 10A 250V 183cm
170203180A
Power Cord 3P UK 2.5A/3A 250V 1.83M
1700008921
Power Cord 3P PSE 183cm
1970004566N001
ROM-7720 Heat Spreader 70x63x8 mm
1960058145N001
ROM-7720 Semi- Heat Sink 70x63x13.2 mm
1960089546T001
ROM-7720 Semi- Heat Sink 70x63x50 mm
1970004574T001
ROM-7720 Heat Sink with FAN 70x63x20.4
OS Specification
Operating System
Version Support
Linux
Yocto 2.5
Android
Android 9.0
Please visit https://advt.ch/aim-linux-download to know our latest software update
SW Specification
Software Application
Function Support
SUSI API
I2C, GPIO, SPI, WDT, RTC, Backlight Control
WISE-PaaS/DeviceOn
Built-in
Connector
Connector
CAN
UART
SATA
I2C x 2
PCIE x 2
SDIO
SPI
I2S
USB OTG
HDMI
LVDS
GPIO x 8
RGMII
GbE MDI
NXP ARM Cortex-A72
i.MX8 QuadMax 1.6GHz
4GB LPDDR4
PHY
USB 2.0
USB 3.0 x 3
USB Hub
16 GB eMMC
64MB QSPI
USB 3.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com