Electronic Components Datasheet Search
  English  ▼

X  

STA92N Datasheet(PDF) 1 Page - AUK corp

Part # STA92N
Description  PNP Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STA92N Datasheet(HTML) 1 Page - AUK corp

  STA92N Datasheet HTML 1Page - AUK corp STA92N Datasheet HTML 2Page - AUK corp STA92N Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KSD-T0C029-001
1
STA92N
PNP Silicon Transistor
Descriptions
• High voltage application
Features
• High collector-emitter voltage : VCEO=-300V
• Complementary pair with STC42N
Ordering Information
Type NO.
Marking
Package Code
STA92N
STA92
T0-92N
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Emitter
2. Base
3. Collector
0.40 Max.
1.27 Typ.
0.52 Max.
2.25 Max.
4.20~4.40
0.90 Max.
3.55 Typ
2 3
1


Similar Part No. - STA92N

ManufacturerPart #DatasheetDescription
logo
AUK corp
STA9012N AUK-STA9012N Datasheet
238Kb / 4P
PNP Silicon Transistor
STA9012SF AUK-STA9012SF Datasheet
251Kb / 4P
PNP Silicon Transistor
STA9015N AUK-STA9015N Datasheet
229Kb / 4P
PNP Silicon Transistor
STA9015SF AUK-STA9015SF Datasheet
243Kb / 4P
PNP Silicon Transistor
logo
STMicroelectronics
STA9100MGA STMICROELECTRONICS-STA9100MGA Datasheet
76Kb / 3P
Automotive TeseoAPP (ASIL Precise Positioning) Family Multi Band GNSS Precise Measurement Engine receiver
More results

Similar Description - STA92N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com