Electronic Components Datasheet Search
  English  ▼

X  

555M-2001 Datasheet(PDF) 2 Page - LEDTRONICS, INC

Part # 555M-2001
Description  PCB LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

555M-2001 Datasheet(HTML) 2 Page - LEDTRONICS, INC

  555M-2001 Datasheet HTML 1Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 2Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 3Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 4Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 5Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 6Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 7Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 8Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 9Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SINGLE LEVEL T [2mm] LEDs
/4
.200
.200
.200
.200
.100
.100
.100
.060
.060
.060
.060
.090
.190
.100
.027
.040
.100
.045
.045
.045
.045
.125
.125
.125
.125
.020
.020
.140 MIN
[3.2]
[3.2]
[3.2]
[3.2]
[0.5]
[0.5]
[3.6]
[5.1]
[5.1]
[5.1]
[5.1]
[2.6]
[2.6]
[2.6]
[1.6]
[1.6]
[1.6]
[1.6]
[2.3]
[4.8]
[2.6]
[0.7]
[1.0]
[2.6]
[1.2]
[1.2]
[1.2]
[1.2]
-008
-009
-010
+
+
+
+
Arrays
SNAP IN
SNAP IN
SNAP IN
-SI
-SI
-SI
Options
Options
Options
.028 SQ x .060 TAB
SNAP IN
LOCATING PIN
-SI
-P
Options
3
.250
.250
.250
.250
.200
.140 MIN
[6.4]
[6.4]
[6.4]
[6.4]
[5.1]
[3.6]
-002
-003
-004
-005
-006
-007
1
DEEP RED
DEEP RED
DEEP RED
DEEP RED
DEEP RED
DEEP RED
DEEP RED
DEEP RED
COLOR
COLOR
COLOR
COLOR
SM555-3001
555M-3001
SM555-2001
555M-2001
SM555-3003
555M-3003
SM555-2003
555M-2003
5.0/6.0
5.0/6.0
5.0/6.0
5.0/6.0
6
6
6
6
0.6/1.2
0.6/1.2
0.6/1.2
0.6/1.2
2.0/3.0
2.0/3.0
2.0/3.0
2.0/3.0
10
10
10
10
1.0/3.0
1.0/3.0
1.0/3.0
1.0/3.0
2.0/3.0
2.0/3.0
2.0/3.0
2.0/3.0
10
10
10
10
1.0/3.0
1.0/3.0
1.0/3.0
1.0/3.0
1.8/3.0
1.8/3.0
1.8/3.0
1.8/3.0
10
10
10
10
1.0/3.0
1.0/3.0
1.0/3.0
1.0/3.0
1.6/2.0
1.6/2.0
1.6/2.0
1.6/2.0
10
10
10
10
1.3/3.2
1.3/3.2
1.3/3.2
1.3/3.2
5.0/6.0
5.0/6.0
5.0/6.0
5.0/6.0
16
16
16
16
1.0/3.0
1.0/3.0
1.0/3.0
1.0/3.0
5.0/6.0
5.0/6.0
5.0/6.0
5.0/6.0
3
3
3
3
0.8/2.0
0.8/2.0
0.8/2.0
0.8/2.0
5.0/6.0
5.0/6.0
5.0/6.0
5.0/6.0
5
5
5
5
0.2/0.5
0.2/0.5
0.2/0.5
0.2/0.5
5.0/6.0
5.0/6.0
5.0/6.0
5.0/6.0
5
5
5
5
0.3/0.6
0.3/0.6
0.3/0.6
0.3/0.6
PART NO.
PART NO.
PART NO.
PART NO.
Vf
Vf
Vf
Vf
Iv mcd
Iv mcd
Iv mcd
Iv mcd
mA
mA
mA
mA
HI-EFF RED
HI-EFF RED
HI-EFF RED
HI-EFF RED
DEEP RED
DEEP RED
DEEP RED
DEEP RED
SM555-3101
555M-3101
SM555-2101
555M-2101
SM555-3004
555M-3004
SM555-2004
555M-2004
GREEN
GREEN
GREEN
GREEN
HI-EFF RED
HI-EFF RED
HI-EFF RED
HI-EFF RED
SM555-3301
555M-3301
SM555-2301
555M-2301
SM555-3007
555M-3007
SM555-2007
555M-2007
YELLOW
YELLOW
YELLOW
YELLOW
GREEN
GREEN
GREEN
GREEN
YELLOW
YELLOW
YELLOW
YELLOW
SM555-3401
555M-3401
SM555-2401
555M-2401
SM555-3303
555M-3303
SM555-2303
555M-2303
SM555-3403
555M-3403
SM555-2403
555M-2403
NOTES:
SCALE 2=1
HOUSING MATERIAL IS NYLON 66 (UL 94V-0)
ALL "Vf" READINGS ARE TYP/MAX
ALL "mcd" READINGS ARE MIN/TYP
"
" DENOTES LED WITH INTEGRATED RESISTOR
NOTES:
SCALE 2=1
HOUSING MATERIAL IS NYLON 66 (UL 94V-0)
ALL "Vf" READINGS ARE TYP/MAX
ALL "mcd" READINGS ARE MIN/TYP
"
" DENOTES LED WITH INTEGRATED RESISTOR
NOTES:
SCALE 2=1
HOUSING MATERIAL IS RYNITE (UL 94HB)
ALL "Vf" READINGS ARE TYP/MAX
ALL "mcd" READINGS ARE MIN/TYP
"
" DENOTES LED WITH INTEGRATED RESISTOR
NOTES:
SCALE 2=1
HOUSING MATERIAL IS RYNITE (UL 94HB)
ALL "Vf" READINGS ARE TYP/MAX
ALL "mcd" READINGS ARE MIN/TYP
"
" DENOTES LED WITH INTEGRATED RESISTOR
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
LEADS ARE CUT TO .140 ON ALL ARRAYS
FOR "555M" SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com