Electronic Components Datasheet Search
  English  ▼

X  

K105 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # K105
Description  Silicon Bilateral Voltage Triggered Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

K105 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  K105 Datasheet HTML 1Page - List of Unclassifed Manufacturers K105 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIDAC
K Series
Silicon Bilateral Voltage Triggered Switch
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 2 of 2
Rev 1.1 Sep. 9,2002
IPP
ITSM
di/dt
Peak pulse current, TJ <150º C
(10×160µs)
(10×560µs)
(10×1000µs)
Peak one
Cycle(sinusoidal) Surge
Current
Critical Rate of
Rise of On-state
Current
Series
Max (A)
Max (A)
Max (A)
60Hz (A)
50Hz (A)
TYPICAL (A/µs)
K
60
35
35
20
16.7
100
n V-I Characteristics
n Package Dimensions
K Series / DO-15
Inches
Millimeters
Ref
Min
Max
Min
Max
A
1.0
25.4
B
0.22
0.30
5.60
7.60
C
0.028
0.035
0.70
0.90
D
0.10
0.15
2.60
3.80



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com