Electronic Components Datasheet Search
  English  ▼

X  

TJ3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TJ3
Description  Inductors, Toroid, High Current, Radial Leaded
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TJ3 Datasheet(HTML) 2 Page - Vishay Siliconix

  TJ3 Datasheet HTML 1Page - Vishay Siliconix TJ3 Datasheet HTML 2Page - Vishay Siliconix TJ3 Datasheet HTML 3Page - Vishay Siliconix TJ3 Datasheet HTML 4Page - Vishay Siliconix TJ3 Datasheet HTML 5Page - Vishay Siliconix TJ3 Datasheet HTML 6Page - Vishay Siliconix TJ3 Datasheet HTML 7Page - Vishay Siliconix TJ3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TJ
www.vishay.com
Vishay Dale
Revision: 28-Nov-13
2
Document Number: 34079
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Operating temperature range: -55 °C to +125 °C
(1) Measured at 0.25 VRMS at 10 kHz
(2) DC resistance measured at + 25 °C ± 5 °C
(3) Maximum continuous operating current based on a calculated temperature rise of 40 °C
ELECTRICAL SPECIFICATION RANGES
MODEL
INDUCTANCE RANGE
(μH) (1)
DC RESISTANCE RANGE
(
) (2)
RATED CURRENT RANGE
(A) (3)
TJ3
1.2 to 1500
0.006 to 1.476
10.0 to 0.5
TJ4
1.2 to 1500
0.006 to 0.952
10.7 to 0.9
TJ5
1.2 to 1500
0.006 to 0.539
10.1 to 1.3
TJ6
1.2 to 2700
0.004 to 0.499
16.0 to 2.0
TJ7
1.2 to 2700
0.005 to 0.359
16.0 to 2.7
TJ8
1.5 to 3900
0.005 to 0.304
18.5 to 3.2
TJ9
1.5 to 5600
0.004 to 0.224
20.0 to 5.0
STANDARD ELECTRICAL SPECIFICATIONS in inches [millimeters]
MODEL
IND.
(μH)
TOL.
(%)
DCR
NOM.
(
)
RATED
DC
CURRENT
(A)
IND.
NOM.
AT
0 DCA
(μH)
INDUCTANCE SHIFT WITH DC CURRENT (1)
LEAD
DIAMETER
“A”
10 %
CURRENT
(A)
IND.
MIN.
(μH)
20 %
CURRENT
(A)
IND.
MIN.
(μH)
30 %
CURRENT
(A)
IND.
MIN.
(μH)
40 %
CURRENT
(A)
IND.
MIN.
(μH)
TJ3-XX
1.2
± 20 0.006
10.0
1.19
5.50
0.91
8.88
0.81
12.69
0.71
16.50
0.61
0.032 [0.813]
TJ3-XX
1.5
± 20 0.006
9.5
1.62
4.71
1.24
7.62
1.10
10.88
0.96
14.14
0.82
0.032 [0.813]
TJ3-XX
2.2
± 15 0.007
9.0
2.11
4.13
1.62
6.66
1.44
9.52
1.26
12.38
1.08
0.032 [0.813]
TJ3-XX
2.7
± 15 0.008
8.4
2.67
3.67
2.04
5.92
1.82
8.46
1.59
11.00
1.36
0.032 [0.813]
TJ3-XX
3.3
± 15 0.008
8.2
3.30
3.30
2.52
5.33
2.24
7.62
1.96
9.90
1.68
0.032 [0.813]
TJ3-XX
3.9
± 15 0.009
7.9
3.99
3.00
3.05
4.85
2.72
6.92
2.38
9.00
2.04
0.032 [0.813]
TJ3-XX
4.7
± 15 0.010
7.5
4.75
2.75
3.64
4.44
3.23
6.35
2.83
8.25
2.42
0.032 [0.813]
TJ3-XX
5.6
± 15 0.011
7.3
5.58
2.54
4.27
4.10
3.79
5.86
3.32
7.62
2.84
0.032 [0.813]
TJ3-XX
6.8
± 15 0.011
7.1
6.47
2.36
4.95
3.81
4.40
5.44
3.85
7.07
3.30
0.032 [0.813]
TJ3-XX
8.2
± 15 0.013
6.6
8.45
2.06
6.46
3.33
5.74
4.76
5.03
6.19
4.31
0.032 [0.813]
TJ3-XX
10.0
± 15 0.013
6.5
9.54
1.94
7.30
3.14
6.49
4.48
5.67
5.82
4.86
0.032 [0.813]
TJ3-XX
12.0
± 15 0.015
6.1
11.91
1.74
9.11
2.81
8.10
4.01
7.09
5.21
6.08
0.032 [0.813]
TJ3-XX
15.0
± 15 0.016
5.9
14.55
1.57
11.13
2.54
9.90
3.63
8.66
4.71
7.42
0.032 [0.813]
TJ3-XX
18.0
± 15 0.017
5.6
17.46
1.43
13.35
2.32
11.87
3.31
10.39
4.30
8.90
0.032 [0.813]
TJ3-XX
22.0
± 15 0.024
4.6
22.31
1.27
17.07
2.05
15.17
2.93
13.27
3.81
11.38
0.029 [0.737]
TJ3-XX
27.0
± 15 0.026
4.4
27.75
1.14
21.23
1.84
18.87
2.63
16.51
3.41
14.15
0.029 [0.737]
TJ3-XX
33.0
± 15 0.029
4.3
33.79
1.03
25.85
1.67
22.98
2.38
20.11
3.09
17.23
0.029 [0.737]
TJ3-XX
39.0
± 15 0.038
3.7
38.15
0.97
29.18
1.57
25.94
2.24
22.70
2.91
19.46
0.025 [0.635]
TJ3-XX
47.0
± 15 0.043
3.5
47.65
0.87
36.45
1.40
32.40
2.00
28.35
2.61
24.30
0.025 [0.635]
TJ3-XX
56.0
± 15 0.057
3.1
55.47
0.80
42.44
1.30
37.72
1.86
33.01
2.41
28.29
0.023 [0.584]
TJ3-XX
68.0
± 15 0.063
3.0
66.83
0.73
51.12
1.18
45.44
1.69
39.76
2.20
34.08
0.023 [0.584]
TJ3-XX
82.0
± 15 0.087
2.6
82.50
0.66
63.11
1.07
56.10
1.52
49.09
1.98
42.08
0.020 [0.508]
TJ3-XX 100.0 ± 15 0.097
2.4
99.83
0.60
76.37
0.97
67.88
1.38
59.40
1.80
50.91
0.020 [0.508]
TJ3-XX 120.0 ± 15 0.107
2.3
118.80
0.55
90.88
0.89
80.78
1.27
70.69
1.65
60.59
0.020 [0.508]
TJ3-XX 150.0 ± 15 0.146
1.9
148.14
0.49
113.32
0.80
100.73
1.14
88.14
1.48
75.55
0.018 [0.457]
TJ3-XX 180.0 ± 15 0.164
1.8
180.71
0.45
138.24
0.72
122.88
1.03
107.52
1.34
92.16
0.018 [0.457]
TJ3-XX 220.0 ± 15 0.225
1.5
221.89
0.40
169.75
0.65
150.89
0.93
132.03
1.21
113.16 0.016 [0.406]
TJ3-XX 270.0 ± 15 0.250
1.4
267.30
0.37
204.48
0.59
181.76
0.85
159.04
1.10
136.32 0.016 [0.406]
TJ3-XX 330.0 ± 15 0.342
1.2
330.00
0.33
252.45
0.53
224.40
0.76
196.35
0.99
168.30 0.014 [0.356]
TJ3-XX 390.0 ± 15 0.378
1.1
392.07
0.30
299.94
0.49
266.61
0.70
233.28
0.91
199.96 0.014 [0.356]
TJ3-XX 470.0 ± 15 0.510
1.0
467.31
0.28
357.49
0.45
317.77
0.64
278.05
0.83
238.33 0.013 [0.330]
TJ3-XX 560.0 ± 15 0.565
0.9
557.70
0.25
426.64
0.41
379.24
0.59
331.83
0.76
284.43 0.013 [0.330]
TJ3-XX 680.0 ± 15 0.637
0.8
684.29
0.23
523.48
0.37
465.32
0.53
407.15
0.69
348.99 0.013 [0.330]
TJ3-XX 820.0 ± 15 0.849
0.7
823.81
0.21
630.22
0.34
560.19
0.48
490.17
0.63
420.14 0.011 [0.279]
TJ3-XX 1000.0 ± 15 0.951
0.7
999.11
0.19
764.32
0.31
679.39
0.44
594.47
0.57
509.55 0.011 [0.279]
TJ3-XX 1200.0 ± 15 1.298
0.6
1203.87
0.17
920.96
0.28
818.63
0.40
716.30
0.52
613.98 0.010 [0.254]
TJ3-XX 1500.0 ± 15 1.476
0.5
1497.18
0.15
1145.34
0.25
1018.08
0.36
890.82
0.46
763.56 0.010 [0.254]
Note
• The DC current values listed are typical values that drop the nominal inductance by the percent listed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com