Electronic Components Datasheet Search
  English  ▼

X  

FDSE Datasheet(PDF) 1 Page - C&K Components

Part # FDSE
Description  Micro Mini Angled Actuated Detect Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

FDSE Datasheet(HTML) 1 Page - C&K Components

  FDSE Datasheet HTML 1Page - C&K Components FDSE Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E
E–28
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
10 Sep 19
FDSE Series
Micro Mini Angled Actuated Detect Switches
Features/Benefits
• Extremely small package size
• Angled Actuation
• Flat or Bending Terminations
• Long Travel Type
• RoHS Compatible and Compliant
Typical Applications
• Consumer electronics
• Medical devices
• Safety control devices
Specifications
CONTACT RATING: 100 µA @ 3VDC, 1 mA @ 5 VDC
MECHANICAL & ELECTRICAL LIFE: 50,000 operations
CONTACT RESISTANCE: 3 Ω max
INSULATION RESISTANCE: 100M Ω min 100 VDC
DIELECTRIC STRENGTH: 100VAC @ 1 minute
OPERATING TEMPERATURE: –40ºC to +85ºC
OPERATING FORCE: 35 gf max.
TRAVEL: 3.14 mm or 60°
SOLDERABILITY: According to lead free solder profiles
PACKAGING: 2,000 pieces per reel.
Materials
BASE: PA9T
COVER: C7701R
ACTUATOR: PA 46
MOVABLE CONTACT: Beryllium Copper
TERMINALS: Phosphor Bronze, Ag over Ni Plating
Build-A-Switch
Complete part numbers for FDSE Series are shown below.
Series
FDSE SPST N.C.
Actuator
001 Angled Actuated Detect Switch Bended Terminal
002 Angled Actuated Detect Switch Flat Terminal
Package
R Tape & Reel
F D S E
R
NEW


Similar Part No. - FDSE

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
FDS HAMMOND-FDS Datasheet
46Kb / 1P
Tablette rabattable
logo
Fairchild Semiconductor
FDS-4465 FAIRCHILD-FDS-4465 Datasheet
371Kb / 5P
P-Channel 1.8V Specified PowerTrench??MOSFET
logo
Hammond Manufacturing L...
FDS1 HAMMOND-FDS1 Datasheet
66Kb / 1P
Permits convenient door activated on-off function of air conditioners
FDS1 HAMMOND-FDS1 Datasheet
25Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
FDS1 HAMMOND-FDS1 Datasheet
52Kb / 1P
Interrupteurs a distance pour montage sur porte
More results

Similar Description - FDSE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSM ITT-KSM Datasheet
151Kb / 2P
Side Actuated Detect Switches
logo
C&K Components
HDS CK-COMPONENTS-HDS Datasheet
192Kb / 2P
Micro Mini Side Actuated Surface Mount Detect Switches
KSM CK-COMPONENTS-KSM Datasheet
164Kb / 2P
Side Actuated Detect Switches
SDS CK-COMPONENTS-SDS Datasheet
157Kb / 1P
Side Actuated Detect Switches
HDP CK-COMPONENTS-HDP Datasheet
174Kb / 2P
Micro Mini Side Actuated Surface Mount Detect Switches
KSM1131DLFG CK-COMPONENTS-KSM1131DLFG Datasheet
243Kb / 2P
Side Actuated Detect Switches
FDSD CK-COMPONENTS-FDSD Datasheet
324Kb / 2P
Micro Mini Side Actuated Detect Switches
10 Sep 19
HDP CK-COMPONENTS-HDP_V01 Datasheet
281Kb / 3P
Micro Mini Side Actuated Surface Mount Detect Switches
8 Mar 22
HDS CK-COMPONENTS-HDS_V01 Datasheet
261Kb / 3P
Micro Mini Side Actuated Surface Mount Detect Switches
8 Mar 22
SDS CK-COMPONENTS-SDS_V01 Datasheet
324Kb / 2P
Side Actuated Detect Switches
8 Mar 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com