Electronic Components Datasheet Search
  English  ▼

X  

FP Datasheet(PDF) 1 Page - C&K Components

Part # FP
Description  Sealed Ultra Miniature Pushbutton Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

FP Datasheet(HTML) 1 Page - C&K Components

  FP Datasheet HTML 1Page - C&K Components FP Datasheet HTML 2Page - C&K Components FP Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A-105
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
A
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages A-106 thru A-107. For additional options not shown in catalog, consult Customer Service Center.
FP Series
Sealed Ultra Miniature Pushbutton Switches
Features/Benefits
• Ultra-miniature pushbutton
• Multiple poles and throws
• Long life 100,000 cycles
• Vertical and right angle mount
• Sealed against soldering and cleaning
processes
• Optional caps
• RoHS compliant
Typical Applications
• Networking equipment
• High-end consumer
• Professional instrumentation
• Computer, Server, Modem &
Data storage
Specifications
CONTACT RATING: Max. 0.4 VA (28 V DC or V AC)
ELECTRICAL LIFE: 50,000 cycles (FP11 & FP21)
10,000 cycles (FP12 & FP22)
CONTACT RESISTANCE: (10mA @ 2 V DC) 80 mΩ max. initial
INSULATION RESISTANCE: 500MΩ min. @ 500 V DC - 1 minute
OPERATING TEMPERATURE: –20ºC to 80ºC
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9
PACKAGING:
Tray pack - 25 pcs per tray (A1 type terminal)
- 100 pcs per tray (C1 type terminal)
Caps (optional) - Bulk bag; 100 caps per bag.
.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
MOVABLE CONTACTS:
Base metal: Phosphor bronze
Plating: Gold over nickel plate
FIXED CONTACTS:
Base metal: Brass
Plating: Gold over nickel plate
COVER: PA66 - Black
ACTUATOR: PPS - Black
BASE: PPS - Black
SUPPORT BRACKET: Steel with tin plate
(A1 type terminal only)
Designation
FP11 SPST N.O.
FP12 SPDT N.O.
FP21 DPST N.O.
FP22 DPDT N.O.
S
Actuator Length
SP
Standard plunger 3.3mm
Terminal Style
C1
Vertical
A1
Right Angle
Contact Plating
B1
Gold over nickel plate
Packaging
TP
Tray packaging
P
Cap
00
No cap
01
White cap - bulk bagged
02
Black cap - bulk bagged
03
Red cap - bulk bagged
P
F
B
1
T
P
13 Mar 20


Similar Description - FP

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800A E-SWITCH-800A Datasheet
142Kb / 2P
SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
800B E-SWITCH-800B Datasheet
189Kb / 1P
SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
GREATECS
PB4 GREATECS-PB4 Datasheet
1Mb / 2P
Sealed Sub-Miniature Pushbutton Switches
PB64 GREATECS-PB64 Datasheet
837Kb / 3P
Sealed Sub-Miniature SMT Pushbutton Switches
logo
C&K Components
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
logo
Copal Electronics
CFP2 COPAL-CFP2 Datasheet
928Kb / 3P
Ultra-Miniature Pushbutton Switches
LTM3-01 COPAL-LTM3-01 Datasheet
192Kb / 2P
Ultra-Miniature Illuminated Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
Ultra-Miniature Pushbutton Switches
TP_SERIES COPAL-TP_SERIES Datasheet
346Kb / 5P
Ultra-Miniature Pushbutton Switches
logo
C&K Components
FP-SERIES CK-COMPONENTS-FP-SERIES Datasheet
178Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com