Electronic Components Datasheet Search
  English  ▼

X  

HS Datasheet(PDF) 1 Page - C&K Components

Part # HS
Description  Hook Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

HS Datasheet(HTML) 1 Page - C&K Components

  HS Datasheet HTML 1Page - C&K Components HS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E–55
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
E
E–54
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
10 Mar 22
HS Series
Hook Switches
Features/Benefits
• Connect headsets and phones
• Answer and hang up for telephone
• Various lever designs
Typical Applications
• Telecommunication
• Computer peripherals
• Medical devices
Specifications
CONTACT ARRANGEMENT: DPDT
COTACT RATING: 0.2 A @ 30 VDC
INITIAL CONTACT RESISTANCE: 50 m Ω max.
INSULATION RESISTANCE: 100M Ω min. @ 500 VDC
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz)
OPERATING TEMPERATURE: -20ºC to + 70ºC
OPERATING FORCE: 50 ± 20 gf
Materials
LEVER: POM (UL94 HB)
COVER: POM (UL94 HB)
TERMINAL: Silver plated
NOTE: Specifications and materials listed above are for switches with standard options. For
information on specific and custom switches, consult Customer Service Center.
PART NUMBER
LIFE CYCLE
PACKAGING
HS-2206-A1 NS
300,000
cycles
5,000 pieces
How To Order
Part number list is shown below. For individual part details, please refer to the following pages.
Part Number
(Part Description)
Product Details
HS-2206-A1 NS
Hook Switches 24.2 *17.1
HS-2206-D NS
Hook Switches 35.9 * 17.2
HS-2206-E NS
Hook Switches 34* 17.2


Similar Description - HS

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DBL5009B DAEWOO-DBL5009B Datasheet
104Kb / 2P
ON-HOOK AMPLIFIER
logo
List of Unclassifed Man...
CHS-2201A ETC-CHS-2201A Datasheet
187Kb / 1P
Hook Switches
logo
Molex Electronics Ltd.
0465480001 MOLEX6-0465480001 Datasheet
94Kb / 2P
Heatsink Hook
logo
General Cable Technolog...
C2015A GENERAL-C2015A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2053A GENERAL-C2053A Datasheet
73Kb / 1P
HOOK-UP WIRE
C2103A GENERAL-C2103A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2106A GENERAL-C2106A Datasheet
80Kb / 1P
HOOK-UP WIRE
logo
PHOENIX CONTACT
SF-Z0027 PHOENIX-SF-Z0027 Datasheet
51Kb / 1P
Hook wrench
logo
SHINMEI ELECTRIC CO., L...
HSW-1 SHINMEI-HSW-1 Datasheet
121Kb / 4P
Telephone-hook Switches
HSW-3 SHINMEI-HSW-3 Datasheet
131Kb / 3P
Telephone-hook Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com