Electronic Components Datasheet Search
  English  ▼

X  

LF Datasheet(PDF) 1 Page - C&K Components

Part # LF
Description  Precision Snap-acting Reset Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

LF Datasheet(HTML) 1 Page - C&K Components

  LF Datasheet HTML 1Page - C&K Components LF Datasheet HTML 2Page - C&K Components LF Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
K–62
LF Series
Precision Snap-acting Reset Switches
Features/Benefits
• Low operating force
• Long life
• Compact design
• High electrical ratings
Typical Applications
• Pumps
• Furnace controls
Specifications
CONTACT RATING: See chart on next page
ELECTRICAL LIFE: 100,000 cycles at 5 Amps @ 250
INSULATION RESISTANCE: 1,000 Meg Ohms Min.
DIELECTRIC STRENGTH: 1,000 V RMS min. @ sea
OPERATING TEMPERATURE: -40 C to 95 C
OPERATING FORCE: see chart on next page
MOUNTING: 2-56 screws, torque 2.3 in/ lbs max (not included)
Materials
SWITCH HOUSING: 6/6 nylon or PBT 94V0
ACTUATOR BUTTON: Thermoset 05A option only
SPRING: Stainless steel 05B option
MOVABLE CONTACT: Fine silver or silver/nickel
STATIONARY CONTACT: Fine silver on copper alloy
LEVER:
05A option stainless steel
05B option PBT 94V0
Series
LF
Electrical Rating
05A (see chart next page)
05B (see chart next page)
Actuator
L27 1.078 (27,39) Stainless lever
(option 05A only)
P27 1.078 (27,39) Plastic lever
(option 05B only)
P40 1.591 (40,41) Plastic lever
(option 05B only)
Terminations
Q .110 quick connect
Circuitry
Y N.O.
L
F
Q
Operating Force
080 0.53 oz / 15 grams max.
010 0.35 oz. / 10 grams max.
0
5
0
Y
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on page K-63. For additional options not shown in catalog, consult Customer Service Center.
K


Similar Description - LF

ManufacturerPart #DatasheetDescription
logo
ITT Industries
HBS2KGB4SP011C ITT-HBS2KGB4SP011C Datasheet
290Kb / 7P
Single Pole Standard Precision Snap-acting Switches
LF05A080L27QY ITT-LF05A080L27QY Datasheet
201Kb / 2P
Precision Snap-acting Reset Switches
MMGGD1P0C ITT-MMGGD1P0C Datasheet
270Kb / 3P
Miniature Subminiature Precision Snap-acting Switches
LCGGF5P00EC ITT-LCGGF5P00EC Datasheet
273Kb / 4P
Subminiature Precision Snap-acting Switches
logo
C&K Components
LCGGF5P00ECUE CK-COMPONENTS-LCGGF5P00ECUE Datasheet
1Mb / 4P
Subminiature Precision Snap-acting Switches
MMGGD1P0C CK-COMPONENTS-MMGGD1P0C Datasheet
261Kb / 3P
Subminiature Precision Snap-acting Switches
MM CK-COMPONENTS-MM Datasheet
527Kb / 3P
Mini Size Precision Snap-acting Switches
24 Mar 21
HB CK-COMPONENTS-HB Datasheet
399Kb / 6P
Single Pole Standard Precision Snap-acting Switches
LC CK-COMPONENTS-LC Datasheet
417Kb / 4P
Small Size Precision Snap-acting Switches
HB CK-COMPONENTS-HB_V01 Datasheet
619Kb / 6P
Single Pole Standard Precision Snap-acting Switches
18 Jan 21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com