Electronic Components Datasheet Search
  English  ▼

X  

MDS009C Datasheet(PDF) 3 Page - C&K Components

Part # MDS009C
Description  Micro Snap-acting Detect Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MDS009C Datasheet(HTML) 3 Page - C&K Components

  MDS009C Datasheet HTML 1Page - C&K Components MDS009C Datasheet HTML 2Page - C&K Components MDS009C Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
REF
PULLING OUT DIRECTION OF TAPE
0.472 ±.004
(12 ±0,1)
0.158 ±.004
(4 ±0,1)
REF
PULLING OUT DIRECTION OF TAPE
0.472 ±.004
(12 ± 0,1)
0.158 ± .004
(4 ± 0,1)
F
F-17
MDS Series
Micro Snap-acting Detect Switches
DESCRIPTION
PART NUMBER
SCHEMATIC
SPDT
SMT Left Mount
MDS008C
DESCRIPTION
PART NUMBER
SCHEMATIC
SPDT
SMT Right Mount
MDS009C
0.051
(1,3)
0.098
(2,5)
0.098
(2,5)
0.106
(2,7)
0.031
(0,8)
0.106
(2.69)
0.023
(0.58)
0.016
(0.41)
0.059
(1.50)
0.059
(1,5)
0.024
(0,6)
0.051
(1,3)
0.098
(2,5)
0.098
(2,5)
0.106
(2,7)
0.016
(0,4)
0.031
(0,8)
0.106
(2,7)
DIM.'A'
DIM.'D'
DIM.'C'
DIM.'B'
OPERATING CHARACTERISTICS
OPERATING POSITION - DIM.'A'
.276+.015/-.02
(7,0+0,4/-0,5)
.378(9,6) MAX
.098(2,5) MAX
.006(0,15) MIN
65 gf MAX.
0.3A 6V DC
FREE POSITION
- DIM.'B'
PRETRAVEL
- DIM.'C'
OVER TRAVEL
- DIM.'D'
OPERATING FORCE
CONTACT RATING
MDS009C
SPDT
Note: Tape and Reel quantity is 2,100
Note: Tape and Reel quantity is 2,100
MDS Operating Characteristics
TAPE & REEL
SMT Right
SMT Left
Note: MDS008 and MDS009 supplied in carrier tape meeting the EIA-481-2 standard
for the 24mm tape. Packaging quantity: 2,100 pieces per reel.
0.070
(1,8)
TYP
0.060
(1,5)
TYP
0.098
(2,5)
TYP
0.070
(1,8)
TYP
0.060
(1,5)
TYP
0.098
(2,5)
TYP
Recommended SMT Mounting
Recommended SMT Mounting



Html Pages

1 2 3