Electronic Components Datasheet Search
  English  ▼

X  

TL Datasheet(PDF) 2 Page - C&K Components

Part # TL
Description  Door Interlock Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TL Datasheet(HTML) 2 Page - C&K Components

  TL Datasheet HTML 1Page - C&K Components TL Datasheet HTML 2Page - C&K Components TL Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
J
J–83
TL Series
Door Interlock Switches
MODEL
12TL  WITH LARGE BRACKET
11TL  WITH SMALL BRACKET
12TL602
SPDT
11TL602
SPDT
.265
[6,73]
.25
[6,2]
1.300
[33,02]
.500
[12,7]
.406
[10,31]
1.87
[47,4]
.375 MAX. FREE POS.
[9,53]
.203 MIN. OPER. POS.
[5,16]
.125MAX DEPRESSED POS.
[3,18]
.812
[20,62]
[4,55]
.179
.25
[6,4]
.218
[5,54]
.84
[21,3]
.26
[6,6]
.21
[5,3]
.51
[13]
1.59
[40,4]
FLEXIBLE
INSULATOR
6-32 NC THD.
(4)
STAINLESS
STEEL
PLUNGER
.51
[13]
1.81
[46]
1.50
[38,1]
.75
[19,1]
.343
[8,71]
.265
[6,73]
1.50
[38,1]
.375 MAX.FREE POS.
[9,53]
1.87
[47,4]
.203 MIN. OPER. POS.
[5,16]
.125 MAX DEPRESSED POS.
[3,18]
.305 (2)
[7,75]
.343
[8,71]
.25
[6,4]
1.59
[40,3]
.21
[5,3]
.16
[4]
FLEXIBLE
INSULATOR
STAINLESS
STEEL
PLUNGER
6-32 NC THD.
(5)
Torque screws to
6in lbs max
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com