Electronic Components Datasheet Search
  English  ▼

X  

GS1GAFC Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # GS1GAFC
Description  Surface Mount General Purpose Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1GAFC Datasheet(HTML) 3 Page - Pan Jit International Inc.

  GS1GAFC Datasheet HTML 1Page - Pan Jit International Inc. GS1GAFC Datasheet HTML 2Page - Pan Jit International Inc. GS1GAFC Datasheet HTML 3Page - Pan Jit International Inc. GS1GAFC Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GS1GAFC ~ GS1MAFC Series
July 4,2020
GS1GAFC_SERIES-REV.00
Page 3
Part No. Packing Code Version
Packaging Information & Mounting Pad Layout
SMAF-C Dimension
Unit: inch(mm)
SMAF-C Pad Layout
Unit: inch(mm)
Part No. Packing Code
Package Type
Packing Type
Marking
Version
GS1GAFC_R1_00001
SMAF-C
3K pcs / 7” reel
GS1G
Halogen free
GS1JAFC_R1_00001
SMAF-C
3K pcs / 7” reel
GS1J
Halogen free
GS1KAFC_R1_00001
SMAF-C
3K pcs / 7” reel
GS1K
Halogen free
GS1MAFC_R1_00001
SMAF-C
3K pcs / 7” reel
GS1M
Halogen free
0.154(3.90)
0.145(3.70)
0.193(4.90)
0.177(4.50)
0.038(0.95)
0.021(0.55)
0.038(0.95)
0.021(0.55)
0.044(1.10)
0.035(0.90)
0.232
(5.9)
0.063
(1.6)
0.169
(4.3)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com