Electronic Components Datasheet Search
  English  ▼

X  

GS2GAFC Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # GS2GAFC
Description  Surface Mount General Purpose Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS2GAFC Datasheet(HTML) 1 Page - Pan Jit International Inc.

  GS2GAFC Datasheet HTML 1Page - Pan Jit International Inc. GS2GAFC Datasheet HTML 2Page - Pan Jit International Inc. GS2GAFC Datasheet HTML 3Page - Pan Jit International Inc. GS2GAFC Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GS2GAFC ~ GS2MAFC Series
July 4,2020
GS2GAFC_SERIES-REV.00
Page 1
Surface Mount General Purpose Rectifier
Voltage
400~1000 V
Current
2 A
SMAF-C
Features
 Glass passivated chip junction
 Low forward voltage drop
 Low leakage current
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case : Molded plastic, SMAF-C
 Terminals : Solderable per MIL-STD-750, Method 2026
 Approx. Weight : 0.0012 ounces, 0.034 grams
NOTES:
1. Mounted on a FR4 PCB, single-sided copper, with 100cm2 copper pad area
2. Mounted on a FR4 PCB, single-sided copper, standard footprint
Maximum Ratings and Thermal Characteristics (TA = 25
o
C unless otherwise noted)
PARAMETER
SYMBOL
GS2GAFC
GS2JAFC
GS2KAFC
GS2MAFC
UNIT
Maximum Recurrent Peak Reverse
Voltage
VRRM
400
600
800
1000
V
Maximum RMS Voltage
VRMS
280
420
560
700
V
Maximum DC Blocking Voltage
VR
400
600
800
1000
V
Maximum Average Forward Rectified
Current
IF(AV)
2
A
Peak Forward Surge Current : 8.3 ms
Single Half Sine-Wave Superimposed
On Rated Load
IFSM
70
A
Instantaneous Forward Voltage at 2A
VF
1.1
V
Reverse Current
IR
1
uA
Typical Junction Capacitance
Measured at 1 MHz And Applied
VR = 4V
CJ
18
pF
Typical Thermal Resistance
(Note 1)
(Note 2)
RθJL
RθJA
25
150
oC/W
Operating Junction Temperature
Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC


Similar Part No. - GS2GAFC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS2GAFC-AU PANJIT-GS2GAFC-AU Datasheet
336Kb / 4P
Surface Mount General Purpose Rectifier
September 9,2020 GS2GAFC-AU_SERIES-REV.00
GS2GAFC-AU_R1_000A1 PANJIT-GS2GAFC-AU_R1_000A1 Datasheet
336Kb / 4P
Surface Mount General Purpose Rectifier
September 9,2020 GS2GAFC-AU_SERIES-REV.00
More results

Similar Description - GS2GAFC

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Pan Jit International I...
GS1AW PANJIT-GS1AW Datasheet
113Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIER
GS1AWZ PANJIT-GS1AWZ Datasheet
109Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIER
GS1AWG PANJIT-GS1AWG Datasheet
117Kb / 5P
SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS1A YANGJIE-GS1A Datasheet
360Kb / 4P
Surface Mount General Purpose Rectifier
G1AQ YANGJIE-G1AQ Datasheet
219Kb / 5P
Surface Mount General Purpose Rectifier
GS2AAQ YANGJIE-GS2AAQ Datasheet
239Kb / 4P
Surface Mount General Purpose Rectifier
GS3ABQ YANGJIE-GS3ABQ Datasheet
764Kb / 4P
Surface Mount General Purpose Rectifier
GS5AQ YANGJIE-GS5AQ Datasheet
215Kb / 4P
Surface Mount General Purpose Rectifier
GS8AQ YANGJIE-GS8AQ Datasheet
224Kb / 4P
Surface Mount General Purpose Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com