Electronic Components Datasheet Search
  English  ▼

X  

ROM-DB7502 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ROM-DB7502
Description  Development Board for Qseven2.0/2.1 Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-DB7502 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ROM-DB7502 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-DB7502 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RISC Computing Platforms
Features
ROM-DB7502
Introduction
ROM-DB7502 is the Referenced Carrier Board designed for Advantech's Qseven 2.0/2.1 module. It i provides a thorough environment for module board evaluation with its complete
function support. It also supports 12V power input through AC/DC power adapter and with smart battery design, it's more easier for the end user to design portable devices by
referring ROM-DB7502 design.
ROM-DB7502 is offered along with several carrier board design documents: Carrier Board Design Guide, layout checklist, schematics checklist and the refer schematics are all ready
for you to start your own carrier board design. With ROM-DB7502, you can quickly start evaluating your Qseven 2.0/2.1 module and design your own carrier board.
Specifications
Compatible Modules
Qseven v2.0 (default)/2.1 CPU module
Graphics
HDMI
1 HDMI TypeA
LVDS
2 Single 24-bit LVDS
Ethernet
LAN
1 GbE with RJ45 connector
Storage
Flash
-
SD
1 SD card slot
SATA
1 SATAII Connector
I/O
USB
2 USB 3.0 Type A (Host), 1 min USB Type A (OTG), 2 USB 2.0 Pin header
COM
1 4-wire RS-232 DB9
Audio
1 2 port phone jack, support Line-in, Audio-out
CAN
1 CAN bus 2.0B DB9, Differential mode +5V
GPIO
8 DB9 female
I2C
1 pin header
SPI
1 pin header
Camera Input
-
Keypad
-
I2S
1 pin header
Fan
1 Pin header
Expansion
PCIe Slot
1 PCIe x4
M.2 slot
E-Key, SDIO/UART/I2C single
Mini-PCIE
1 USB single only
SIM slot
1
Power Input
Power
2 Power Inputs (+12V DC-Jack, Lithium-ion battery)
Environment
Operating Temperature
0 ~ 60 °C
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Physical Characteristics
Dimensions
170 x 170 mm
Certifications
CE/FCC Class B
Development Board for
Qseven2.0/2.1 Module
ƒ Supports Qseven2.0(default)/2.1(option) module
ƒ Mini-ITX form factor
ƒ Dual display outputs, HDMI, 24-bit LVDS
ƒ Supports 1 x PCIe, 1 x GbE, 4 x USB 2.0, 1 x USB OTG2.0, 1 x SATAII,
1 x I2C, 1 x I2S, 1 x CANbus, 8 x GPIOs
ƒ Support AT/ATX mode, Input power +12V
ƒ Cable pack included
ƒ Evaluative image & test utility built-in
RoHS
COMPLIANT
2002/95/EC
NEW
All product specifications are subject to change without notice.
Last updated: 9-Aug-2018


Similar Part No. - ROM-DB7502

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-DB7502-SCA1E ADVANTECH-ROM-DB7502-SCA1E Datasheet
465Kb / 2P
Development Kit for Qseven 2.0 CPU Module ROM-7510
6-Jun-2019
More results

Similar Description - ROM-DB7502

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-DB3900 ADVANTECH-ROM-DB3900_15 Datasheet
514Kb / 2P
Development board for RISC RTX2.0 Module
ROM-DB5900 ADVANTECH-ROM-DB5900_15 Datasheet
595Kb / 2P
Development board for RISC SMARC v1.0 Module
ROM-DB7500 ADVANTECH-ROM-DB7500_15 Datasheet
571Kb / 2P
Development board for RISC Qseven Module
WISE-DB1500 ADVANTECH-WISE-DB1500 Datasheet
484Kb / 2P
Development Board for M2.COM Module
logo
Axiomtek Co., Ltd.
Q7B300 AXIOMTEK-Q7B300 Datasheet
231Kb / 1P
Qseven Module Rev 2.1 Development Baseboard
logo
Advantech Co., Ltd.
ROM-DB3900 ADVANTECH-ROM-DB3900 Datasheet
460Kb / 2P
Development Board for RTX v2.0 RISC Module
25-Feb-2016
ROM-DB5900 ADVANTECH-ROM-DB5900 Datasheet
544Kb / 2P
Development Board for SMARC v1.1 RISC Module
14-Oct-2016
ROM-DB5901 ADVANTECH-ROM-DB5901 Datasheet
432Kb / 2P
Development Board for SMARC v2.0 RISC Module
14-Jan-2020
ROM-DB7501 ADVANTECH-ROM-DB7501 Datasheet
485Kb / 2P
Development Board for Qseven v2.0 RISC Module
4-Mar-2016
ROM-DK5720 ADVANTECH-ROM-DK5720 Datasheet
278Kb / 2P
Development Kit for SMARC 2.0/2.1 Computer-on-Module ROM-5720
17-Jul-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com