Electronic Components Datasheet Search
  English  ▼

X  

MBD54D Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # MBD54D
Description  Dual SCHOTTKY Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MBD54D Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  MBD54D Datasheet HTML 1Page - E-Tech Electronics LTD MBD54D Datasheet HTML 2Page - E-Tech Electronics LTD MBD54D Datasheet HTML 3Page - E-Tech Electronics LTD MBD54D Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBD54–3/4
Surface mount board layout is a critical portion of the
total design. The footprint for the semiconductor packages
must be the correct size to insure proper solder connection
MBD110DWT1 MBD330DWT1 MBD770DWT1
INFORMATION FOR USING THE SOT–363 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
SOT–363
0.5 mm (min)
SOT–363 POWER DISSIPATION
1.9 mm
The power dissipation of the SOT–363 is a function of
the pad size. This can vary from the minimum pad size for
soldering to a pad size given for maximum power dissipation.
Power dissipation for a surface mount device is determined
by TJ(max) , the maximum rated junction temperature of the
die, R qJA , the thermal resistance from the device junction
to ambient, and the operating temperature, T A . Using the
values provided on the data sheet for the SOT–363 package,
PD
can be calculated as follows:
P D =
T J(max) – T A
R θJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values
into the equation for an ambient temperature T A of 25°C,
one can calculate the power dissipation of the device which
in this case is 150 milliwatts.
P
D
=
150°C – 25°C
= 150 milliwatts
833°C/W
The 833°C/W for the SOT–363 package assumes the use
of the recommended footprint on a glass epoxy printed
circuit board to achieve a power dissipation of 150 milliwatts.
There are other alternatives to achieving higher power dis-
sipation from the SOT–363 package. Another alternative
would be to use a ceramic substrate or
an aluminum core board such as Thermal CladE. Using a
board material such as Thermal Clad, an aluminum core
board, the power dissipation can be doubled using the same
footprint.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than
the rated temperature of the device. When the entire
device is heated to a high temperature, failure to com-
plete soldering within a short time could result in de-
vice failure. Therefore, the following items should al-
ways be observed in order to minimize the thermal stress
to which the devices are subjected.
• Always preheat the device.
• The delta temperature between the preheat and sol-
dering should be 100°C or less.*
• When preheating and soldering, the temperature of
the leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering
method, the difference shall be a maximum of 10°C.
• The soldering temperature and time shall not exceed
260°C for more than 10 seconds.
• When shifting from preheating to soldering, the maxi-
mum temperature gradient shall be 5°C or less.
• After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and
result in latent failure due to mechanical stress.
• Mechanical stress or shock should not be applied dur-
ing cooling.
* Soldering a device without preheating can cause ex-
cessive thermal shock and stress which can result in
damage to the device.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com