Electronic Components Datasheet Search
  English  ▼

X  

MM54HC193 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC193
Description  Synchronous Decade Up/Down Counters Synchronous Binary Up/Down Counters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC193 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC193 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC193 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC193 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC193 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC193 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC193 Datasheet HTML 6Page - National Semiconductor (TI) MM54HC193 Datasheet HTML 7Page - National Semiconductor (TI) MM54HC193 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5011
January 1988
MM54HC192MM74HC192
Synchronous Decade UpDown Counters
MM54HC193MM74HC193
Synchronous Binary UpDown Counters
General Description
These high speed synchronous counters utilize advanced
silicon-gate CMOS technology to achieve the high noise im-
munity and low power consumption of CMOS technology
along with the speeds of low power Schottky TTL The
MM54HC192MM74HC192 is a decade counter and the
MM54HC193MM74HC193 is a binary counter Both coun-
ters have two separate clock inputs an UP COUNT input
and a DOWN COUNT input All outputs of the flip-flops are
simultaneously triggered on the low to high transition of ei-
ther clock while the other input is held high The direction of
counting is determined by which input is clocked
These counters may be preset by entering the desired data
on the DATA A DATA B DATA C and DATA D inputs
When the LOAD input is taken low the data is loaded inde-
pendently of either clock input This feature allows the count-
ers to be used as divide-by-n counters by modifying the
count length with the preset inputs
In addition both counters can also be cleared This is ac-
complished by inputting a high on the CLEAR input All 4
internal stages are set to a low level independently of either
COUNT input
Both a BORROW and CARRY output are provided to en-
able cascading of both up and down counting functions The
BORROW output produces a negative going pulse when the
counter underflows and the CARRY outputs a pulse when
the counter overflows The counters can be cascaded by
connecting the CARRY and BORROW outputs of one de-
vice to the COUNT UP and COUNT DOWN inputs respec-
tively of the next device
All inputs are protected from damage due to static dis-
charge by diodes to VCC and ground
Features
Y
Typical propagation delay
Count up to Q 28 ns
Y
Typical operating frequency 27 MHz
Y
Wide power supply range 2 – 6V
Y
Low quiescent supply current 80 mA maximum
(74HC Series)
Y
Low input current 1 mA maximum
Y
4 mA output drive
Connection Diagram
Dual-In-Line Package
TLF5011 – 1
Order Number MM54HC192193 or MM74HC192193
Truth Table
Count
Clear
Load
Function
Up
Down
u
H
L
H
Count Up
H
u
L
H
Count Down
X
X
H
X
Clear
X
X
L
L
Load
H e high level
L e low level
u e transition from low-to-high
X e don’t care
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - MM54HC193

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC190 NSC-MM54HC190 Datasheet
202Kb / 8P
MM54HC190/MM74HC190 Synchronous Decade Up/Down Counters with Mode Control MM54HC191/MM74HC191 Synchronous Binary Up/Down Counters with Mode Control
MM54HC190J NSC-MM54HC190J Datasheet
202Kb / 8P
MM54HC190/MM74HC190 Synchronous Decade Up/Down Counters with Mode Control MM54HC191/MM74HC191 Synchronous Binary Up/Down Counters with Mode Control
MM54HC191 NSC-MM54HC191 Datasheet
202Kb / 8P
MM54HC190/MM74HC190 Synchronous Decade Up/Down Counters with Mode Control MM54HC191/MM74HC191 Synchronous Binary Up/Down Counters with Mode Control
MM54HC191J NSC-MM54HC191J Datasheet
202Kb / 8P
MM54HC190/MM74HC190 Synchronous Decade Up/Down Counters with Mode Control MM54HC191/MM74HC191 Synchronous Binary Up/Down Counters with Mode Control
MM54HC194 NSC-MM54HC194 Datasheet
135Kb / 6P
4-Bit Bidirectional Universal Shift Register
More results

Similar Description - MM54HC193

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS169B TI-SN54ALS169B Datasheet
148Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI-SN54ALS191A Datasheet
133Kb / 8P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
Hitachi Semiconductor
HD74LS668 HITACHI-HD74LS668 Datasheet
103Kb / 7P
Synchronous Up/Down Decade Counters
logo
Texas Instruments
SN54ALS190 TI-SN54ALS190 Datasheet
140Kb / 8P
SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B_07 Datasheet
686Kb / 19P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B_99 Datasheet
421Kb / 12P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54ALS191A TI1-SN54ALS191A_15 Datasheet
625Kb / 18P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS193A TI1-SN54ALS193A_15 Datasheet
404Kb / 15P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
National Semiconductor ...
MM54HCT193 NSC-MM54HCT193 Datasheet
117Kb / 8P
Synchronous Binary Up/Down Counters
January 1988
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com