Electronic Components Datasheet Search
  English  ▼

X  

SSD1905 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SSD1905
Description  LCD Graphics Controller CMOS
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1905 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SSD1905 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1905 Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1905 Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1905 Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1905 Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1905 Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1905 Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1905 Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1905 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 153 page
background image
SOLOMON
Rev 1.3
10/2002
SSD1905
30
GPIO2 Pulse Delay Register
REG[40h]
Bit
7
6
5
4
3
2
1
0
GPIO2
Delay Bit 7
GPIO2
Delay Bit 6
GPIO2
Delay Bit 5
GPIO2
Delay Bit 4
GPIO2
Delay Bit 3
GPIO2
Delay Bit 2
GPIO2
Delay Bit 1
GPIO2
Delay Bit 0
Type
RW
RW
RW
RW
RW
RW
RW
RW
Reset
state
0
0
0
0
0
0
0
0
Bits 7-0
GPIO2 Pulse Delay [7:0]
These bits specify the pulse delay of the GPIO2 signal within a line, in 1 pixel
resolution.
Note
This register is effective for 320x240 HR-TFT panels and GPIO Preset enabled only
(REG[10h] bit 3 = 1, REG[10h] bits 1-0 = 10 and REG[38h] bit 5 = 1).
For panel AC timing and timing parameter definitions, see Section 10.4.9 “320x240 Sharp
HR-TFT Panel Timing (e.g. LQ039Q2DS01)”.
STN Color Depth Control Register
REG[45h]
Bit
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
STN Color
Depth
Control
Type
NA
NA
NA
NA
NA
NA
NA
RW
Reset
state
0
0
0
0
0
0
0
0
Bit 0
STN Color Depth control
This bit controls the maximum number of color available for STN panels.
When this bit = 0, it allows maximum 32k color depth.
When this bit = 1, it allows maximum 256k color depth.
Please refer to Table 7-8 :
LCD Bit-per-pixel Selection for the color depth
relationship.
Note
REG[45h] is effective for STN panel only (REG[10h] bits 1:0 = 00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com