Electronic Components Datasheet Search
  English  ▼

X  

ERT2AAFC Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ERT2AAFC
Description  Surface Mount Super Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ERT2AAFC Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ERT2AAFC Datasheet HTML 1Page - Pan Jit International Inc. ERT2AAFC Datasheet HTML 2Page - Pan Jit International Inc. ERT2AAFC Datasheet HTML 3Page - Pan Jit International Inc. ERT2AAFC Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ERT2AAFC ~ ERT2GAFC Series
July 4,2020
ERT2AAFC_SERIES-REV.00
Page 1
Surface Mount Super Fast Recovery Rectifier
Voltage
50~400 V
Current
2 A
SMAF-C
Features
 For surface mounted applications in order to optimize board space
 High temperature metallurgically bonded-no compression contacts
as found in other diode-constructed rectifiers
 Glass passivated junction
 Easy pick and place
 Plastic package has Underwriters Laboratory Flammability
Classification94V-O
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case : Molded plastic, SMAF-C
 Terminals : Solderable per MIL-STD-750, Method 2026
 Approx. Weight : 0.0012 ounces, 0.034 grams
NOTES:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Recover to 0.25A
2. Mounted on a FR4 PCB, single-sided copper, with 10cm*10cm copper pad area
3. Mounted on a FR4 PCB, single-sided copper, standard footprint
Maximum Ratings and Thermal Characteristics (TA = 25
o
C unless otherwise noted)
PARAMETER
SYMBOL
ERT2AAFC
ERT2BAFC
ERT2CAFC
ERT2DAFC
ERT2EAFC
ERT2GAFC
UNITS
Maximum Recurrent Peak Reverse
Voltage
VRRM
50
100
150
200
300
400
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
V
Maximum DC Blocking Voltage
VR
50
100
150
200
300
400
V
Maximum Average Forward Rectified
Current
IF(AV)
2
A
Peak Forward Surge Current : 8.3 ms
Single Half Sine-Wave Superimposed
On Rated Load
IFSM
50
A
Instantaneous Forward Voltage at 2A
VF
0.95
1.25
V
Reverse Current
IR
1
uA
Typical Junction Capacitance
Measured at 1 MHz And Applied
VR = 4V
CJ
30
25
pF
Reverse Recovery Time(Note 1)
TRR
25
ns
Typical Thermal Resistance
(Note 2)
(Note 3)
RθJL
RθJA
20
150
oC/W
Operating Junction Temperature
Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC


Similar Part No. - ERT2AAFC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ERT2AF PANJIT-ERT2AF Datasheet
146Kb / 5P
For surface mounted applications in order to optimize board space
ERT2AF_R2_00001 PANJIT-ERT2AF_R2_00001 Datasheet
146Kb / 5P
For surface mounted applications in order to optimize board space
More results

Similar Description - ERT2AAFC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ED1002CS PANJIT-ED1002CS_04 Datasheet
39Kb / 2P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
MFPU1S TAITRON-MFPU1S Datasheet
141Kb / 3P
Surface Mount Super Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
FS2A YENYO-FS2A Datasheet
751Kb / 2P
Surface Mount Super Fast Recovery Rectifier
logo
Microdiode Semiconducto...
ES1AF CHENDA-ES1AF_V01 Datasheet
1Mb / 3P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES3ABF CHENDA-ES3ABF_V01 Datasheet
985Kb / 3P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES3ABG CHENDA-ES3ABG_V01 Datasheet
1Mb / 3P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
MER1DMB PANJIT-MER1DMB Datasheet
241Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER1DMB-REV.00
MER2DAH-AU PANJIT-MER2DAH-AU Datasheet
188Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DAH-AU-REV.00
MER2DAL PANJIT-MER2DAL Datasheet
171Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DAL-REV.00
MER2DMB PANJIT-MER2DMB Datasheet
242Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DMB-REV.00
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com