Electronic Components Datasheet Search
  English  ▼

X  

AS1120 Datasheet(PDF) 6 Page - ams AG

Part # AS1120
Description  46-Segment LCD Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1120 Datasheet(HTML) 6 Page - ams AG

Back Button AS1120 Datasheet HTML 2Page - ams AG AS1120 Datasheet HTML 3Page - ams AG AS1120 Datasheet HTML 4Page - ams AG AS1120 Datasheet HTML 5Page - ams AG AS1120 Datasheet HTML 6Page - ams AG AS1120 Datasheet HTML 7Page - ams AG AS1120 Datasheet HTML 8Page - ams AG AS1120 Datasheet HTML 9Page - ams AG AS1120 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.austriamicrosystems.com
Revision 1.01
6 - 12
AS1120
austriamicrosystems
Data Sheet
Asynchronous Mode
Asynchronous Mode
Data can be preloaded into the AS1120 shift register and then activated via a LOAD pulse. To preload the shift register
the LOAD signal must stay high as all 46 data bits are clocked into the internal shift register at the rising edge of CLKIN
(see Figure 4).
Note: In asynchronous mode, a clock signal must be applied on pin BPLIN. Asynchronous mode does not support
the use of the AS1120 internal clock.
Figure 4. Timing Diagram for Preloading the Shift Register
To update the LCD display the LOAD signal must be held low for at least 8 periods of the clock applied at BPLIN, and
CLKIN must be set to low. Note that since BPLIN is normally asynchronous in respect to LOAD, it is advisable to keep
LOAD low for 8+1 BPLIN cycles. The display will be updated at the 8th BPLIN rising edge while LOAD is Low.
In case of internal BPLIN generation through the internal oscillator BPLIN = fOSC/16.
Figure 5. Timing Diagram for Updating the Display in Asynchronous Mode
R/C Oscillator and Backplane Generation
The AS1120 can generate the backplane signal using an internal R/C oscillator, or an externally generated backplane
signal can be supplied.
When cascading multiple AS1120 devices (see Figure 7 on page 8), only the first device should have the oscillator run-
ning; the other devices must use pin BPLIN to regenerate the backplane signal and to synchronize their LCD output
segments with the common backplane.
BPLIN
CLKIN
Stop
DATAIN
X
X LD45 LD45LD45
LD0
LD1
LD2
LD3
LD4
LD5
LD6
LD7
LD8
LD9
LD10
LOAD Always High
LOAD
46 CLKIN Cycles
9 BPLIN Cycles
LOAD
CLKIN
DATAIN
X
XX
X
X
X
X
X
X
X
X
X
X
X
CLKIN Always High
XX
X
BPLIN
Display
Update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com