Electronic Components Datasheet Search
  English  ▼

X  

AS1500 Datasheet(PDF) 6 Page - ams AG

Part # AS1500
Description  Digital Potentiometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1500 Datasheet(HTML) 6 Page - ams AG

  AS1500 Datasheet HTML 1Page - ams AG AS1500 Datasheet HTML 2Page - ams AG AS1500 Datasheet HTML 3Page - ams AG AS1500 Datasheet HTML 4Page - ams AG AS1500 Datasheet HTML 5Page - ams AG AS1500 Datasheet HTML 6Page - ams AG AS1500 Datasheet HTML 7Page - ams AG AS1500 Datasheet HTML 8Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet AS1500/1/2/3
Revision 1.0, Oct 2004
Page 6 of 8
DX (Dec)
RWB (
Ω
Ω
Ω
Ω)
Output State
255
10061
Full Scale
128
5100
Midscale
1
139
1 LSB
0
100
Zero-Scale
(Wiper Contact Resistance)
Table 7: RDAC-Codes WB
The maximum current through the wiper and terminal B is
5mA. If the current exceeds this limit the internal switches
can degrade or even be damaged. As a mechanical
potentiometer the resistance RWA and RWB are totally
symmetrical. The relation between them is shown in Figure
4.
Figure 4: RWA and RWB versa Code
The resistance RWA is the complimentary resistor to RWB
and can be controlled digitally as well. RWA starts at the
maximum value of the nominal resistance and is reduced
with increasing 8-Bit code words. The formula to calculate
RWA is given below:
RWA (Dx)= (256 - Dx)/256
⋅RAB + RW
where RAB is the nominal resistance between terminal A
and B, RW is the wiper resistance and DX is the 8-Bit Code
word. In Table 8 the resistor values between the wiper and
terminal B for AS1501 are given for specific codes DX.
DX (Dec)
RWA (
Ω
Ω
Ω
Ω)
Output State
255
89
Full Scale
128
5050
Midscale
1
10011
1 LSB
0
10050
Zero-Scale
Table 8: RDAC-Codes WA
Figure 5: Equivalent RDAC Circuit
Voltage Output Operation
The AS150x family can easily used in an voltage output
mode, where the output voltage is proportional to an
applied voltage to a given terminal. When 5V are applied to
terminal A and B is set to ground the ouput voltage at the
wiper starts at zero volts up to 1LSB less then 5V. One
LSB of voltage corresponds to the voltage applied at
terminal AB divided through 256 steps of possible wiper
settings. The formula is given by
VW (Dx)= (Dx)/256
⋅VAB + VB
where VAB is the voltage applied between terminal A and B,
VW is the voltage at the wiper, DX is the 8-Bit Code word
and VB is the voltage at terminal B. The temperature drift is
significant better than in Rheostat mode, since the
temperature coefficient is determined by the internal
resistor ratio. Therefore the temperature drift is only
15ppm/°C.
Applications
The digital potentiometer can replace in many applications
the
analog
trimming
potentiometer.
The
digital
potentiometer is not sensitive to vibrations and shocks. It
has an extremely small form-factor and can be adjusted
very fast (e.g. AS1500 has an update rate of 600kHz)
Furthermore the temperature drift, resolution and noise are
significant better and cannot be achieved with a
mechanical
trimming
potentiometer.
Due
to
the
programmability the resistor settings can be stored in the
system memory, so that after a power down the exact
settings can be recalled easily.
All analog signals must remain within 0 to VDD range. For
standard potentiometer applications the wiper output can
be used directly. In the case of a low impedance load a
buffer shall be used.
CODE -
RW
RW
0
25
50
75
10
0
64
121925
RDAC
LATCH
AND
DECODE
RS=RNOMINAL / 256
RS
RS
RS
RS
A
W
B
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com