Electronic Components Datasheet Search
  English  ▼

X  

AS1916 Datasheet(PDF) 12 Page - ams AG

Part # AS1916
Description  Microprocessor Supervisory Circuits with Manual Reset and Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1916 Datasheet(HTML) 12 Page - ams AG

Back Button AS1916 Datasheet HTML 5Page - ams AG AS1916 Datasheet HTML 6Page - ams AG AS1916 Datasheet HTML 7Page - ams AG AS1916 Datasheet HTML 8Page - ams AG AS1916 Datasheet HTML 9Page - ams AG AS1916 Datasheet HTML 10Page - ams AG AS1916 Datasheet HTML 11Page - ams AG AS1916 Datasheet HTML 12Page - ams AG AS1916 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
www.austriamicrosystems.com
Revision 0.52
12 - 13
AS1916 - AS1918
austriamicrosystems
Data Sheet
11 Ordering Information
The devices are available as the standard products shown in Table 5.
Table 5. Ordering Information
Model
Marking
Description
Threshold Delivery Form
Package
AS1916S-T
ASIO
Active-Low Push/Pull Supervisory Circuit
with Watchdog and Manual Reset
2.93V
Tape and Reel
5-pin SOT23
AS1916R-T
ASIP
Active-Low Push/Pull Supervisory Circuit
with Watchdog and Manual Reset
2.63V
Tape and Reel
5-pin SOT23
AS1916Z-T
ASIQ
Active-Low Push/Pull Supervisory Circuit
with Watchdog and Manual Reset
2.32V
Tape and Reel
5-pin SOT23
AS1916V-T
ASIR
Active-Low Push/Pull Supervisory Circuit
with Watchdog and Manual Reset
1.58V
Tape and Reel
5-pin SOT23
AS1917S-T
ASIS
Active High Push/Pull Supervisory Circuit
with Watchdog and Manual Reset
2.93V
Tape and Reel
5-pin SOT23
AS1917R-T
ASIT
Active High Push/Pull Supervisory Circuit
with Watchdog and Manual Reset
2.63V
Tape and Reel
5-pin SOT23
AS1917Z-T
ASIU
Active High Push/Pull Supervisory Circuit
with Watchdog and Manual Reset
2.32V
Tape and Reel
5-pin SOT23
AS1917V-T
ASIV
Active High Push/Pull Supervisory Circuit
with Watchdog and Manual Reset
1.58V
Tape and Reel
5-pin SOT23
AS1918S-T
ASIW
Active-Low Open Drain Supervisory Circuit
with Watchdog and Manual Reset
2.93V
Tape and Reel
5-pin SOT23
AS1918R-T
ASIX
Active-Low Open Drain Supervisory Circuit
with Watchdog and Manual Reset
2.63V
Tape and Reel
5-pin SOT23
AS1918Z-T
ASIY
Active-Low Open Drain Supervisory Circuit
with Watchdog and Manual Reset
2.32V
Tape and Reel
5-pin SOT23
AS1918V-T
ASIZ
Active-Low Open Drain Supervisory Circuit
with Watchdog and Manual Reset
1.58V
Tape and Reel
5-pin SOT23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com