Electronic Components Datasheet Search
  English  ▼

X  

KAT1IN2A Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # KAT1IN2A
Description  D-SUB HD Buchse 90º 0.314inch BWK, Mssewinkel w. Innengewinde 15-62pol. Katalogzeichnung
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

KAT1IN2A Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  KAT1IN2A Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - KAT1IN2A

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
KAT1IN2A CONEC-KAT1IN2A Datasheet
38Kb / 1P
D-SUB HD Buchse 90º 0.314inch BWK, Massewinkel u. Innengewinde 15-62pol. Ktalogzeichnung
19.08.1996
More results

Similar Description - KAT1IN2A

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
164A10669X CONEC-164A10669X Datasheet
47Kb / 1P
D-SUB Buchse
164A10689X CONEC-164A10689X Datasheet
47Kb / 1P
D-SUB Buchse
164A10699X CONEC-164A10699X Datasheet
47Kb / 1P
D-SUB Buchse
164A16789X CONEC-164A16789X Datasheet
83Kb / 1P
D-SUB Buchse
163A17609X CONEC-163A17609X Datasheet
162Kb / 2P
D-SUB HD MALE 90º 15-62pos. 0.350inch threaded inset. mounting grounding bracket
20.03.2006
164A18019X CONEC-164A18019X Datasheet
99Kb / 1P
D-SUB HD FEMALE 90º 15-62pos. 0.350inch threaded insert, mounting grounding bracket
14.02.2005
164A18069X CONEC-164A18069X Datasheet
38Kb / 1P
D-SUB HD Buchse 90º 0.314inch BWK, Massewinkel u. Innengewinde 15-62pol. Ktalogzeichnung
19.08.1996
164A18629X CONEC-164A18629X Datasheet
117Kb / 2P
D-SUB HD FEMALE 90º 0.314inch 78pos. threaded insert, metal bracket, fixing-plate,snap
19.04.1999
302A11629X CONEC-302A11629X Datasheet
93Kb / 1P
D-SUB HD FEMALE 90º 78pos. SOLDER PIN ANGLED 0.314inch with threaded insert, clip and hex screw
13.08.2002
KAT1I7AA CONEC-KAT1I7AA Datasheet
55Kb / 1P
D-SUB COMBINATION Buchse Lotkelch Katalogzeichnung
05.09.1996
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com