Electronic Components Datasheet Search
  English  ▼

X  

AS8501TR Datasheet(PDF) 12 Page - ams AG

Part # AS8501TR
Description  High precision voltage and current measurement sensor interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8501TR Datasheet(HTML) 12 Page - ams AG

Back Button AS8501TR Datasheet HTML 8Page - ams AG AS8501TR Datasheet HTML 9Page - ams AG AS8501TR Datasheet HTML 10Page - ams AG AS8501TR Datasheet HTML 11Page - ams AG AS8501TR Datasheet HTML 12Page - ams AG AS8501TR Datasheet HTML 13Page - ams AG AS8501TR Datasheet HTML 14Page - ams AG AS8501TR Datasheet HTML 15Page - ams AG AS8501TR Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AS8501 - Preliminary Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 12 of 40
7.2.3
Internal temperature sensor
The ASIC contains a high sensitive precision temperature sensor which can be used at any time. The sensor supplies a very linear voltage signal with
an offset at 23 degC, which is calibrated and stored in the ZZR-register. The voltage can be measured using the internal circuitry with gain 6, with free
selection of all other parameters defining the sampling rate.
The slope of the curve is approx. 75 digits per degC.
The calculation of the temperature has to be done in the external µC acc. to the following simple formula:
Tint=( Uint(T)-Uint(23) ) / 75 + 23°C
Uint(T) is the measured result and Uint(23) is the reference value at 23°C, which is stored as an 11 bit-word in the ZZR-register.
Bits 15, 14 ,13 and 12 will always be the same at room temperature (0101 bin or 20480 dec), therefore it makes no sense to store them for each single
part. In addition we dont need the high resolution of one digit, which means 1/71.3 = 14 milli Kelvin. Therefore we cut the last bit and achieve a word of
11 bit length, which finally is stored in the ZZR-register as shown in the ‚stored ZZR-register mapping‘ given in 8.6.2
Example:
value stored in the ZZR-register:
1060 dez or 10000100100 bin
Uint(23) = 0101 10000100100
0
= 22600 dec
Add register content Add
If your measured value is : Uint(T) = 23767 dec
Ti[°C]= ((23767-22600) / (75 digits / °C)) + 23 °C
= 15.6 °C + 23 °C = 38.6 °C
7.3
Digital part
In the digital part the result of the AD-converter is processed, i.e. calibration, active offset cancellation and filtering is done. In addition the
communication via the serial SDI interface is handled and all circuit functions (like voltage and current path settings, chopping, dechopping) are
controlled.
Whenever the power supply line returns from below 2.0 V to above 3.5 V a power-up circuitry is activated which loads the internal calibration registers
from the Zener-Zap memory into the working register and starts the chip in a special default mode.
7.3.1
Sampling rate
the sampling rate (SR) is defined by the setting of parameters in register CRA or CRB. The oversampling frequency (OSF), the oversampling ratio
(OSR), the chopping ratio (MM) and the averaging number (AV). The sampling rate can be calculated acc. to the following formula:
SR= OSF/(OSR*MM*AV)
Figure 7: Measurement of internal temperature sensor over oil bath temperature
15000
20000
25000
30000
35000
-50
-25
0
25
50
75
100
125
150
175
Temperature in deg C
-100
-75
-50
-25
0
25
50
75
100
output signal
linearity deviation
cubic fit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com