Electronic Components Datasheet Search
  English  ▼

X  

STW51000 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW51000
Description  SUPER INTEGRATED DSP ENGINE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW51000 Datasheet(HTML) 5 Page - STMicroelectronics

  STW51000 Datasheet HTML 1Page - STMicroelectronics STW51000 Datasheet HTML 2Page - STMicroelectronics STW51000 Datasheet HTML 3Page - STMicroelectronics STW51000 Datasheet HTML 4Page - STMicroelectronics STW51000 Datasheet HTML 5Page - STMicroelectronics STW51000 Datasheet HTML 6Page - STMicroelectronics STW51000 Datasheet HTML 7Page - STMicroelectronics STW51000 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
GreenSIDE - STW51000
10 Development Support
STMicroelectronics provides a complete set of development tools around the GreenSIDE Super Integrat-
ed DSP Engine, to evaluate the performance, and to develop, debug, and integrate Application Code on
the chip via an ARM/DSP environment, providing multi-Core Development/Debug capabilities.
10.1 Software Development Tools:
Software Development Tools for ARM and ST140 include an Integrated Development Environment tool,
the C/C++ Compiler, Assembler and Linker Code Generation, the Instruction Set Simulator and the OS-
aware Debugger application for Simulation and Emulation Debug. Beside standard Software Develop-
ment Tools, RTOS dedicated tools for application-level debugging and analysis of embedded applications
are available. It includes Runtime Debugging, System and Process information viewing, Manual Process
Control, System Event Tracing and Monitoring, Memory Analysis and Message Search, CPU usage anal-
ysis and more.
10.2 Software Libraries
GreenSIDE silicon comes along with a Chip Support Package, which includes low level driver software (to
configure and use GreenSIDE peripherals), RTOS Support (commercial OS porting to GreenSIDE plat-
form) and application specific libraries (ATM, TCP/IP, ...).
10.3 Hardware development tools
In addition to Software Development Tools, a complete set of Hardware tools help GreenSIDE users to
speed-up the development of new applications. The GreenSIDE Evaluation Board is used to evaluate
GreenSIDE performance, as well as to develop Software Application. It offers a basic set of peripherals in
addition to the GreenSIDE built-in peripherals.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com