Electronic Components Datasheet Search
  English  ▼

X  

V741 Datasheet(PDF) 1 Page - Seme LAB

Part # V741
Description  Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

V741 Datasheet(HTML) 1 Page - Seme LAB

  V741 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
V741
Bipolar PNP Device.
V
CEO =
30V
I
C = 0.01A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
30
V
I
C(CONT)
0.01
A
h
FE
@ 5/0.1m (V
CE / IC)
50
-
f
t
60M
Hz
P
D
0.36
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
TO18 (TO206AA)
PINOUTS
1 – Emitter
2 – Base
3 – Collector
Bipolar PNP Device in a
Hermetically sealed TO18
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)


Similar Part No. - V741

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
V74 NEXPERIA-V74 Datasheet
231Kb / 15P
Single D-type flip-flop with set and reset; positive edge trigger
logo
Assmann Electronics Inc...
V7466W ASSMANN-V7466W Datasheet
95Kb / 1P
ASS 0527 HS
V7466Y ASSMANN-V7466Y Datasheet
95Kb / 1P
ASS 0527 HS
V7466Z ASSMANN-V7466Z Datasheet
95Kb / 1P
ASS 0527 HS
logo
Panasonic Semiconductor
V7471U PANASONIC-V7471U Datasheet
647Kb / 19P
ZNR Transient/Surge Absorbers
More results

Similar Description - V741

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SF_2N995 SEME-LAB-SF_2N995 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
SF_2N2894A SEME-LAB-SF_2N2894A Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
SF_BFX37 SEME-LAB-SF_BFX37 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
SF_CV7676 SEME-LAB-SF_CV7676 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
SF_2N869 SEME-LAB-SF_2N869 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
BC478B SEME-LAB-BC478B Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
logo
List of Unclassifed Man...
CV9543 ETC-CV9543 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
logo
Seme LAB
BCW35 SEME-LAB-BCW35 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
CV10814 SEME-LAB-CV10814 Datasheet
13Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
2N3250 SEME-LAB-2N3250 Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com