Electronic Components Datasheet Search
  English  ▼

X  

WM8785 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8785
Description  24-Bit, 192kHz Stereo ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8785 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 31Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
WM8785
Pre-Production
w
PP Rev 3.0 December 2005
28
REGISTER MAP
REGISTER ADDRESS REMARK BIT8 BIT7
BIT6 BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
DEFAULT
R0(00h)
00_0000
Sample
Rate
And
Audio IF
Format
0
0
FORMAT
OSR
MCR
0_0000_0011
R1(01h)
00_0001
Audio IF
Format
And
TDM
0
DEVNO
LRSWP
BCLKINV
LRP
WL
0_0000_1010
R2(02h)
00_0010
Signal
Control
TDM
0
PWRDNL
PWRDNR
SDODIS
HPFL
HPFR
0_0000_0011
R7(07h)
00_0111
Reset
Writing to reg 7 will cause software reset
0_0000_0000
Table 14 Register Map for Control Interface
Notes:
1.
All unused register bits should be set to zero
2.
The interface will initiate SWRB whenever R7 is addressed, regardless of the data input.
3.
SWRB is released on the next register write or after 4 MCLK cycles (which ever occurs first).
4.
Until the SWRB is released, DOUT is forced to zero.
5.
DOUT remains zero for a count of 32 sample clocks SWRB is released, this count is driven by MCLK and is
independent of any external LRCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com