Electronic Components Datasheet Search
  English  ▼

X  

74977 Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # 74977
Description  vertical signal hdr 5 row press-fit, special load,std
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

74977 Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  74977 Datasheet HTML 1Page - Amphenol Communications Solutions 74977 Datasheet HTML 2Page - Amphenol Communications Solutions 74977 Datasheet HTML 3Page - Amphenol Communications Solutions 74977 Datasheet HTML 4Page - Amphenol Communications Solutions 74977 Datasheet HTML 5Page - Amphenol Communications Solutions 74977 Datasheet HTML 6Page - Amphenol Communications Solutions 74977 Datasheet HTML 7Page - Amphenol Communications Solutions 74977 Datasheet HTML 8Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
-
2022/06/20
2022/06/20
2011/05/20
-
Nirmal Sam-MB
Kuriakose, San
P-Mathew Nebu
ELX-I-45099-1
AH
Released
PDS: Rev :AH
STATUS:Released
Printed: Jun 20, 2022


Similar Part No. - 74977

ManufacturerPart #DatasheetDescription
logo
Wixroyd Group Ltd
74970 WIXROYD-74970 Datasheet
213Kb / 1P
Clamping Levers grub screw
logo
Wurth Elektronik GmbH &...
7497011611A WURTH-7497011611A Datasheet
401Kb / 3P
LAN-Transformer WE-RJ45LAN 10/100BaseT
7497110616 WURTH-7497110616 Datasheet
401Kb / 4P
LAN-Transformer WE-RJ45LAN 10/100/1000 BaseT USB 3.0
7497111611A WURTH-7497111611A Datasheet
246Kb / 3P
LAN-Transformer WE-RJ45LAN 10/100/1000 BaseT USB
logo
Tyco Electronics
749755-2 MACOM-749755-2 Datasheet
922Kb / 32P
AMPLIMITE .050 Series Cable Assemblies, Series III
More results

Similar Description - 74977

ManufacturerPart #DatasheetDescription
logo
FCI connector
DXXP24A4GV00 FCI-CONNECTOR-DXXP24A4GV00 Datasheet
91Kb / 1P
HDR DELTA D STD EUROPE
logo
Tyco Electronics
RP3SL MACOM-RP3SL Datasheet
208Kb / 3P
Special Load PCB Relay
40957 MACOM-40957 Datasheet
180Kb / 2P
Special Load PCB Relay
logo
FCI connector
10028542 FCI-CONNECTOR-10028542 Datasheet
151Kb / 2P
4 LANE VERTICAL PRESS FIT HEADER
C01-8646-0100 FCI-CONNECTOR-C01-8646-0100 Datasheet
107Kb / 1P
HDR DELTA D STD EUROPE
70232-115 FCI-CONNECTOR-70232-115 Datasheet
915Kb / 8P
METRAL SIGNAL HEADER 1 MOD, 4 ROW PRESS-FIT
logo
Molex Electronics Ltd.
0782161001 MOLEX11-0782161001 Datasheet
37Kb / 2P
Impact 5 Pair, Vertical Power Receptacle, Press-Fit, LCP
0784461022 MOLEX1-0784461022_17 Datasheet
38Kb / 2P
Impact 5 Pair, Vertical Power Header, 40.00mm Stack Height, Press-Fit
logo
Amphenol Communications...
70232 AMPHENOLCS-70232 Datasheet
1Mb / 8P
metral signal header i mod, 4 row press-fit
Rev AY
70236 AMPHENOLCS-70236 Datasheet
1Mb / 6P
metral signal header i mod, 4 row press-fit
Rev AM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com