Electronic Components Datasheet Search
  English  ▼

X  

SHT40-AD1P Datasheet(PDF) 21 Page - Sensirion AG Switzerland

Part # SHT40-AD1P
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1P Datasheet(HTML) 21 Page - Sensirion AG Switzerland

Back Button SHT40-AD1P Datasheet HTML 14Page - Sensirion AG Switzerland SHT40-AD1P Datasheet HTML 15Page - Sensirion AG Switzerland SHT40-AD1P Datasheet HTML 16Page - Sensirion AG Switzerland SHT40-AD1P Datasheet HTML 17Page - Sensirion AG Switzerland SHT40-AD1P Datasheet HTML 18Page - Sensirion AG Switzerland SHT40-AD1P Datasheet HTML 19Page - Sensirion AG Switzerland SHT40-AD1P Datasheet HTML 20Page - Sensirion AG Switzerland SHT40-AD1P Datasheet HTML 21Page - Sensirion AG Switzerland SHT40-AD1P Datasheet HTML 22Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
www.sensirion.com / D1
Version 4
– November 2022
21/22
12 Revision History
Date
Version
Page(s)
Changes
October 2020
1
all
Initial release
July 2021
2
multiple
3
4
4
11
10
13
16
12
13
13
20
Typo correction
Included checksum in Figure 1
Included description of NIST traceability in section 2
Included repeatability clarification in Table 1
Clarified I2C communication in section 4.1
Removed waiting time specification in Table 5
Specified serial number in 4.7
Updated qualification status in section 6
Deleted binary com. & included return values in Table 8
Updated note on duty cycle of heater in section 4.9
Added note on large current drawn by heater in section 4.9
Updated ordering information in Table 11
March 2022
3
multiple
multiple
4
4
4
10
11
19
20
Included SHT45 RH- and T-accuracy specifications
Extended max. heater duty cycle to 10%
Reduced RH response time to 4s in Table 1
Reduced long-term drift to <0.2 %RH/y in Table 1
Reduced hysteresis to 0.8 %RH at 25 °C in Table 1
Updated max. measurement times in Table 5
Included I2C communication timing in section 4.2
Introduced new product version in Table 10
Updated ordering information in Table 11
November 2022
4
all
1
4
5
6
7
7
8
14
15
16
15
18
19
20
All
Updated Datasheet with new SHT43
New Features and General Description and Device Overview
Edited Table 1 with SHT43 data
Inserted Figure 4. SHT43 typical and maximal relative
humidity accuracy at 25 °C.
Edited Table 2 with Sht43 data Table
2. General
temperature sensor specifications.
Inserted Figure 8. Typical RH accuracy tolerance over
humidity and temperature for SHT43
Inserted Figure 12 for SHT 43
Inserted section 2.4 ISO17025 certification with 3-point
calibration data
Inserted Figure 16 for filter membrane
Added footnote 13 for Laser marking of protective options
Inserted section 6 about protective options
Inserted Figure 20 showing protective cover
Inserted Figure 22. Tape and reel specification including
sensor orientation in pocket of sensor with membrane option.
Updated Product Name Nomenclature with SHT43 (3 & C)
Updated Ordering Information with SHT43-ABDC-R3
Reformatting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com