Electronic Components Datasheet Search
  English  ▼

X  

24LC02 Datasheet(PDF) 5 Page - Ceramate Technical

Part # 24LC02
Description  2048-Bits Serial EEPROM with Write Protect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LC02 Datasheet(HTML) 5 Page - Ceramate Technical

  24LC02 Datasheet HTML 1Page - Ceramate Technical 24LC02 Datasheet HTML 2Page - Ceramate Technical 24LC02 Datasheet HTML 3Page - Ceramate Technical 24LC02 Datasheet HTML 4Page - Ceramate Technical 24LC02 Datasheet HTML 5Page - Ceramate Technical 24LC02 Datasheet HTML 6Page - Ceramate Technical 24LC02 Datasheet HTML 7Page - Ceramate Technical 24LC02 Datasheet HTML 8Page - Ceramate Technical 24LC02 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
24LC02
2048-Bits Serial EEPROM with Write Protect
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 5 of 12
Rev 1.0 Dec. 26, 2001
*  3 
 48+         >     !55     2GN7 .#7   ,?7
.#73# 4     
+ 4 
 48+            
         
        9  
      48+    
/  + 
 %     %+88:.%  %+8-#?-
       2%  H!  3
  
 -#?-   8:.      %      9 2%+83  -#?-    %   
 %  2%  H 3
 
 8:.   -#?-      %      9 2%+83  -#?-    %:,   
  %:,  2%  H 3
/56
7        9      
       <  9        9     
9   %  9  9 % 
8:. -#?-  9  9:   
9              9  
  9  #  -#?-  
 %:,  2%  H@3
+  6
  %      4& 2!!3
   48+  @&   2  ! 3   !&            #+
77,:0      ,?7G8:+51 !=5 48+     5&
 ,?7 G8:+5        !               
         48+
2 G3
 48+       #  9 
      
:
+  + 
+%
".

.
!!
!!
 !
 !
!

G
!   48+ 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com