Electronic Components Datasheet Search
  English  ▼

X  

DOM40KV032 Datasheet(PDF) 17 Page - Hanbit Electronics Co.,Ltd

Part # DOM40KV032
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40KV032 Datasheet(HTML) 17 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40KV032 Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 14Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 15Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 16Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 17Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 18Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 19Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 20Page - Hanbit Electronics Co.,Ltd DOM40KV032 Datasheet HTML 21Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
HANBit
HFDOM40KVxxx
URL:www.hbe.co.kr
17 / 17
HANBit Electronics Co., Ltd.
Rev. 1.1 (December, 2003)
10-19
aaaa
20
Serial number in ASCII (Right Justified )
20
xxxxh
2
Buffer type
21
xxxxh
2
Buffer size in 512 byte increments
22
0004h
2
# of ECC bytes passed on Read/Write Long Commands
23-26
aaaa
8
Firmware revision in ASCII. Big Endian Byte Order in Word
27-46
aaaa
40
Model number in ASCII (Left Justified) Big Endian Byte Order in Word
47
xxxxh
2
Maximum number of sectors on Read/Write Mutliple command
48
0000h
2
Double Word not supported
49
xx00h
2
Capabilities
50
0000h
2
Reserved
51
0x00h
2
PIO data transfer cycle timing mode
52
0000h
2
DMA data transfer cycle timing mode
53
0001h
2
Translation parameters are valid
54
Xxxxh
2
Current numbers of cylinders
55
xxxxh
2
Current numbers of heads
56
xxxxh
2
Current sectors per track
57-58
xxxxh
4
Current capacity in sectors(LBAs)(Word 57 = LSW , Word 58 = MSW)
59
010xh
2
Multiple sector setting
60-61
xxxxh
4
Total number of sectors addressable in LBA Mode
62-127
0000h
138
Reserved
128
xxxxh
2
Security status
129-159
0000h
64
Vendor unique bytes
160
xxxxh
2
Power requirement description
161-255
0000h
170
Reserved
Idle – 97h or E3h
Bit->
7
6
5
4
3
2
1
0
Command(7)
97h or E3h
C/D/H(6)
X
Drive
X
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
Timer Count (5 mess increments)
Feature(1)
X
Idle
This command causes the CompactFlash Storage Card to set BSY, enter the Idle mode, clear
BSY and generate an interrupt. If the sector count is non-zero, it is interpreted as a timer count with each count
being 5 milliseconds and the automatic power down mode is enabled. If the sector count is zero, the automatic
power down mode is disabled. Note that this time base (5msec) is different from the ATA specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com