Electronic Components Datasheet Search
  English  ▼

X  

DOM40MV032 Datasheet(PDF) 12 Page - Hanbit Electronics Co.,Ltd

Part # DOM40MV032
Description  40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40MV032 Datasheet(HTML) 12 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40MV032 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
HANBit
HFDOM40MVxxx
URL:www.hbe.co.kr
12 / 12
HANBit Electronics Co., Ltd.
Rev. 1.0 (January. 2004)
Sector Count Register
This register contains the numbers of sectors of data requested to be transferred on a read or write
operation between the host and the CompactFlash Storage Card. If the value in this register is zero, a
count of 256 sectors is specified. If the command was successful, this register is zero at command
completion. If not successfully completed, the register contains the number of sectors that need to be
transferred in order to complete the request.
7
6
5
4
3
2
1
0
Sector Count
Sector Number Register
This register contains the starting sector number or bits 7-0 of the Logical Block Address (LBA) for any
CompactFlash Storage Card data access for the subsequent command.
BIT DESCRIPTION -----
CHS
7
6
5
4
3
2
1
0
Sector (7:0)
LBA
7
6
5
4
3
2
1
0
LBA (15:8)
Cylinder Low Register
This register contains the low order 8 bits of the starting cylinder address or bits 15-8 of the Logical Block Address.
BIT DESCRIPTION-----
CHS
7
6
5
4
3
2
1
0
Cylinder (7:0)
LBA
7
6
5
4
3
2
1
0
LBA (15:8)
Cylinder High Register
This register contains the high order bits of the starting cylinder address or bits 23-16 of the Logical Block Address.
BIT DESCRIPTION -
CHS
7
6
5
4
3
2
1
0
Cylinder (7:0)
LBA
7
6
5
4
3
2
1
0
LBA (15:8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com