Electronic Components Datasheet Search
  English  ▼

X  

AP61300Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP61300Q
Description  AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61300Q Datasheet(HTML) 1 Page - Diodes Incorporated

  AP61300Q Datasheet HTML 1Page - Diodes Incorporated AP61300Q Datasheet HTML 2Page - Diodes Incorporated AP61300Q Datasheet HTML 3Page - Diodes Incorporated AP61300Q Datasheet HTML 4Page - Diodes Incorporated AP61300Q Datasheet HTML 5Page - Diodes Incorporated AP61300Q Datasheet HTML 6Page - Diodes Incorporated AP61300Q Datasheet HTML 7Page - Diodes Incorporated AP61300Q Datasheet HTML 8Page - Diodes Incorporated AP61300Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
AP61300Q/AP61302Q
Document number: DS44605 Rev. 1 - 2
1 of 21
www.diodes.com
January 2022
© Diodes Incorporated
AP61300Q/AP61302Q
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Description
The
AP61300Q/AP61302Q
is
an
automotive-compliant,
3A,
synchronous buck converter with a wide input voltage range of 2.4V to
5.5V. The device fully integrates a 70
mΩ high-side power MOSFET
and a 50
mΩ low-side power MOSFET to provide high-efficiency step-
down DC-DC conversion.
The AP61300Q/AP61302Q device is easily used by minimizing the
external component count due to its adoption of Constant On-Time
(COT) control to achieve fast transient response, easy loop
stabilization, and low output voltage ripple.
The device is available in a SOT563 package.
Features
AEC-Q100 Qualified for Automotive Applications
Device Temperature Grade 1: -40°C to +125°C TA Range
VIN: 2.4V to 5.5V
Output Voltage (VOUT): 0.6V to VIN
3A Continuous Output Current
0.6V ±2% Reference Voltage
19
μA Low Quiescent Current (Pulse Frequency Modulation)
2.2MHz Switching Frequency (VIN = 5V, VOUT = 1.8V)
Up to 84% Efficiency at 5mA Light Load
Programmable Operation Mode Through EN
Pulse Frequency Modulation
Pulse Width Modulation Regardless of Output Load
Low-Dropout (LDO) Mode
Power-Good Indicator
AP61302Q
Protection Circuitry
Undervoltage Lockout (UVLO)
VIN Overvoltage Protection (OVP)
Peak Current Limit
Valley Current Limit
Thermal Shutdown
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Haloge
n and Antimony Free. “Green” Device (Note 3)
The AP61300Q and AP61302Q are suitable for automotive
applications requiring specific change control; these parts
are AEC-Q100 qualified, PPAP capable, and manufactured in
IATF 16949 certified facilities.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
1
2
3
4
5
6 OUT
EN
SW
VIN
GND
FB
(Top View)
AP61300Q
1
2
3
4
5
6 PG
EN
SW
VIN
GND
FB
SOT563
AP61302Q
Applications
Automotive power systems
Automotive infotainment
Automotive instrument clusters
Automotive telematics
Advanced driver assistance systems (ADAS)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more info
rmation about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP61300Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP61300Q DIODES-AP61300Q Datasheet
728Kb / 2P
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
AP61300Q DIODES-AP61300Q Datasheet
367Kb / 2P
5.5V, 2A, Low IQ, Synchronous Buck Converter in Tiny SOT563 for Protected Point-of-Load Automotive Rails
August 2025
AP61300Q DIODES-AP61300Q Datasheet
350Kb / 2P
5.5V, 4A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny V-DFN1515-6/SWP (Type UX)
June 2025
AP61300Q DIODES-AP61300Q Datasheet
397Kb / 2P
I2C 5.5V, 4A, Synchronous Buck Converter Provides a Versatile High Power Density Automotive POL Solution
AP61300QZ6-7 DIODES-AP61300QZ6-7 Datasheet
728Kb / 2P
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
More results

Similar Description - AP61300Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP63356Q DIODES-AP63356Q Datasheet
1Mb / 28P
AUTOMOTIVE-COMPLIANT, 32V, 3.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev 1
AP61300Q DIODES-AP61300Q Datasheet
728Kb / 2P
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
AP61100 DIODES-AP61100 Datasheet
1Mb / 22P
2.3V TO 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
September 2022
AP61200 DIODES-AP61200 Datasheet
1Mb / 21P
2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 September 2022
AP61100Q DIODES-AP61100Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2020
AP61300 DIODES-AP61300 Datasheet
1Mb / 21P
2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 November 2022
AP63200Q DIODES-AP63200Q Datasheet
2Mb / 30P
AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 September 2021
AP63300Q DIODES-AP63300Q Datasheet
1Mb / 22P
AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 May 2021
AP66300 DIODES-AP66300 Datasheet
2Mb / 25P
3.8V TO 60V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2022
AP66300Q DIODES-AP66300Q Datasheet
2Mb / 25P
3.8V TO 60V INPUT AUTOMOTIVE GRADE, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com