Electronic Components Datasheet Search
  English  ▼

X  

DOM40S3V032 Datasheet(PDF) 26 Page - Hanbit Electronics Co.,Ltd

Part # DOM40S3V032
Description  40Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40S3V032 Datasheet(HTML) 26 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40S3V032 Datasheet HTML 21Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 22Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 23Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 24Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 25Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 26Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 27Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 28Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 29Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
HANBit
HFDOM40S3Vxxx
URL:www.hbe.co.kr
26 / 29
HANBit Electronics Co., Ltd.
Rev. 1.0 (July, 2004)
Cyl High(5)
Cylinder High
Cyl Low(4)
Cylinder Low
Sec Num(3)
Sector Number
Sec Cnt(2)
Sector Count
Feature(1)
X
Write Multiple without Erase
This command is similar to the Write Multiple command with the exception that an implied erase before write
operation is not performed. The sectors should be pre-erased with the Erase Sector(s) command before this
command is issued.
Write Sector(s) – 30h or 31h
Bit->
7
6
5
4
3
2
1
0
Command(7)
30h or 31h
C/D/H(6)
1
LBA
1
Drive
Head(LBA 27 – 24)
Cyl High(5)
Cylinder High (LBA 23 – 16)
Cyl Low(4)
Cylinder Low (15 – 8)
Sec Num(3)
Sector Number (LBA 7 – 0)
Sec Cnt(2)
Sector Count
Feature(1)
X
Write Sector(s)
This command writes from 1 to 256 sectors as specified in the Sector Count Register. A sector count of zero
requests 256 sectors. The transfer begins at the sector specified in the Sector
Number Register. When this command is accepted, the CompactFlash Storage Card sets BSY,then sets DRQ and
clears BSY, then waits for the host to fill the sector buffer with the data to be written. No interrupt is generated to
start the first host transfer operation. No data should be transferred by the host until BSY has been cleared by the
host.
For multiple sectors, after the first sector of data is in the buffer, BSY will be set and DRQ will be cleared. After the
next buffer is ready for data, BSY is cleared, DRQ is set and an interrupt is generated. When the final sector of
data is transferred, BSY is set and DRQ is cleared. It will remain in this state until the command is completed at
which time BSY is cleared and an interrupt is generated.
If an error occurs during a write of more than one sector, writing terminates at the sector where the error occurs.
The Command Block Registers contain the cylinder, head and sector number of the sector where the error
occurred. The host may then read the command block to determinem what error has occurred, and on which sector.
Write Sector(s) without Erase – 38h
Bit->
7
6
5
4
3
2
1
0
Command(7)
38h
C/D/H(6)
1
LBA
1
Drive
Head(LBA 27 – 24)
Cyl High(5)
Cylinder High (LBA 23 – 16)
Cyl Low(4)
LBA(15 – 8)
Sec Num(3)
Sector Number (LBA 7 – 0)
Sec Cnt(2)
Sector Count
Feature(1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com